Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4201 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT4201
Description  350 mA High Efficiency Step Down LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4201 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT4201 Datasheet HTML 5Page - ON Semiconductor CAT4201 Datasheet HTML 6Page - ON Semiconductor CAT4201 Datasheet HTML 7Page - ON Semiconductor CAT4201 Datasheet HTML 8Page - ON Semiconductor CAT4201 Datasheet HTML 9Page - ON Semiconductor CAT4201 Datasheet HTML 10Page - ON Semiconductor CAT4201 Datasheet HTML 11Page - ON Semiconductor CAT4201 Datasheet HTML 12Page - ON Semiconductor CAT4201 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT4201
http://onsemi.com
9
APPLICATION INFORMATION
Input Voltage Range
The minimum supply voltage required to maintain
adequate regulation is set by the cathode terminal voltage of
the LED string (i.e., the VBAT voltage minus the LED string
voltage). When the LED cathode terminal falls below 3 V,
a loss of regulation occurs.
For applications which may occasionally need to
experience supply “dropout” conditions, it is recommended
that the CTRL input be used to sense the LED cathode
voltage. The CTRL pin can either be tied directly to the
cathode terminal (for Lamp Replacement) or connected via
a pass−transistor for PWM lighting applications.
Figure 23 shows the regulation performance obtained in
dropout, when the CTRL pin is configured to sense the LED
cathode voltage.
0
100
200
300
400
01
2
3
4
5
6
CTRL VOLTAGE [V]
150 mA
300 mA
Figure 23. “Dropout” Configured LED Current
(as shown in Typical Application on page 1)
Inductor Selection
For 350 mA LED current drive levels, a 22
mH inductor
value is recommended to provide suitable switching
frequency across a wide range of input supply values. For
LED current of 150 mA or less, a 33
mH or 47 mH inductor
is more suitable.
The inductor must have a maximum current rating which
equals or exceeds twice the programmed LED current. For
example, when driving LEDs at 350 mA, an inductor with
at least 700 mA current rating must be used. Minor
improvements in efficiency can be achieved by selecting
inductors with lower series resistance.
Table 7. SUMIDA INDUCTORS
Part Number
L (mH)
I Rated (A)
LED Current (A)
CDRH6D26−100
10
1.5
0.35
CDRH6D26−220
22
1.0
0.35
CDRH6D28−330
33
0.92
0.35
CDRH6D28−470
47
0.8
0.35
CDRH6D28−560
56
0.73
0.35
Capacitor Selection
A 10
mF ceramic capacitor C2 across the LED(s) keeps the
LED ripple current within
±15% of nominal for most
applications. If needed, a larger capacitor can be used to
further reduce the LED current ripple. Any resistance in
series with the LED (0.5
W or more) contributes to reduce
the ripple current. The capacitor voltage rating should be
equivalent to the maximum expected supply voltage so as to
allow for “Open−LED” fault conditions. The capacitor
value is independent of the switching frequency or the
overall efficiency.
A 4.7
mF ceramic input capacitor C1 is recommended to
minimize the input current ripple generated on the supply.
Using a larger capacitor value further reduces the ripple
noise appearing on the supply rail.
If a constant capacitance is needed across temperature and
voltage, X5R or X7R dielectric capacitors are recommended.
Schottky Diode
The peak repetitive current rating of the Schottky diode
must be greater than the peak current flowing through the
inductor. Also the continuous current rating of the Schottky
must be greater than the average LED current. The voltage
rating of the diode should be greater than the peak supply
voltage transient preventing any breakdown or leakage.
Central Semiconductor Schottky diode CMDSH05−4 (40 V,
500 mA rated) is recommended. Schottky diodes rated at
400 mA (or higher) continuous current are fine for most
applications.
NOTE: Schottky diodes with extremely low forward voltages
(VF) are not recommended, as they may cause an
increase in the LED current.
Dimming Methods
Two methods for PWM dimming control on the LEDs are
described below. The first method is to PWM on the control
pin, the other method is to turn on and off a second resistor
connected to the RSET pin and connected in parallel with R1.
PWM on CTRL Pin
A PWM signal from a microprocessor can be used for
dimming the LEDs when tied to the CTRL pin. The duty
cycle which is the ratio between the On time and the total
cycle time sets the dimming factor. The recommended PWM
frequency on the CTRL pin is between 100 Hz and 2 kHz.
Figure 24. PWM at 1 kHz on CTRL Pin


Similar Part No. - CAT4201

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
134Kb / 12P
   High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
logo
Catalyst Semiconductor
CAT4201TD-GT3 CATALYST-CAT4201TD-GT3 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
134Kb / 12P
   High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
More results

Similar Description - CAT4201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV4201TD-GT3 ONSEMI-CAV4201TD-GT3 Datasheet
179Kb / 12P
   350 mA High Efficiency Step Down LED Driver
November, 2011 ??Rev. 1
logo
M.S. Kennedy Corporatio...
SM8200 MSK-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
SamHop Microelectronics...
SM8200 SAMHOP-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201_15 Datasheet
134Kb / 12P
   High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Infineon Technologies A...
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 29P
   350 mA LED Driver
Revision 1.0, 2010-11-11
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
   350 mA adjustable step-down regulator
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
   1A Step-Down Constant Current, High Efficiency LED Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
   1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com