Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4237TD-T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4237TD-T3
Description  High Voltage CMOS Boost White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4237TD-T3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4237TD-T3 Datasheet HTML 1Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 2Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 3Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 4Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 5Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 6Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 7Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 8Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT4237
http://onsemi.com
3
Table 3. DC ELECTRICAL CHARACTERISTICS
(VIN = 3.6 V, ambient temperature of 25°C (over recommended operating conditions unless otherwise specified))
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Operating Current
VFB = 0.2 V
VFB = 0.4 V (not switching)
0.6
0.1
1.5
0.6
mA
ISD
Shutdown Current
VSHDN = 0 V
0.1
1
mA
VFB
FB Pin Voltage
8 LEDs with ILED = 20 mA
285
300
315
mV
IFB
FB pin input leakage
1
mA
ILED
Programmed LED Current
R1 = 10 W
R1 = 15 W
R1 = 20 W
28.5
19
14.25
30
20
15
31.5
21
15.75
mA
VIH
VIL
SHDN Logic High
SHDN Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
FSW
Switching Frequency
0.8
1.0
1.3
MHz
ILIM
Switch Current Limit
350
450
600
mA
RSW
Switch “On” Resistance
ISW = 100 mA
1.0
2.0
W
ILEAK
Switch Leakage Current
Switch Off, VSW = 5 V
1
5
mA
Thermal Shutdown
150
°C
Thermal Hysteresis
20
°C
VUVLO
Undervoltage Lockout (UVLO) Threshold
1.9
V
VOV-SW
Overvoltage Threshold
35
V
Pin Description
VIN is the supply input for the internal logic. The device is
compatible with supply voltages down to 2.8 V and up to
5.5 V. It is recommended that a small bypass ceramic
capacitor (4.7
mF) be placed between the VIN and GND pins
near the device. If the supply voltage drops below 1.9 V, the
device stops switching.
SHDN is the shutdown logic input. When the pin is tied to
a voltage lower than 0.4 V, the device is in shutdown mode,
drawing nearly zero current. When the pin is connected to a
voltage higher than 1.5 V, the device is enabled.
GND is the ground reference pin. This pin should be
connected directly to the ground place on the PCB.
SW pin is connected to the drain of the internal CMOS
power switch of the boost converter. The inductor and the
Schottky diode anode should be connected to the SW pin.
Traces going to the SW pin should be as short as possible
with minimum loop area. An over-voltage detection circuit
is connected to the SW pin. When the voltage reaches 35 V,
the device enters a low power operating mode preventing the
SW voltage from exceeding the maximum rating.
FB feedback pin is regulated at 0.3 V. A resistor connected
between the FB pin and ground sets the LED current
according to the formula:
ILED +
0.3 V
R1
The lower LED cathode is connected to the FB pin.
Table 4. PIN DESCRIPTIONS
Pin #
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch.
2
GND
Ground pin. Connect the pin to the ground plane.
3
FB
Feedback pin. Connect to the last LED cathode.
4
SHDN
Shutdown pin (Logic Low). Set high to enable the driver.
5
VIN
Power Supply input.


Similar Part No. - CAT4237TD-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237TD-T3 CATALYST-CAT4237TD-T3 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results

Similar Description - CAT4237TD-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com