Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5114 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5114
Description  32-Tap Digitally Programmable Potentiometer (DPP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5114 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5114 Datasheet HTML 1Page - ON Semiconductor CAT5114 Datasheet HTML 2Page - ON Semiconductor CAT5114 Datasheet HTML 3Page - ON Semiconductor CAT5114 Datasheet HTML 4Page - ON Semiconductor CAT5114 Datasheet HTML 5Page - ON Semiconductor CAT5114 Datasheet HTML 6Page - ON Semiconductor CAT5114 Datasheet HTML 7Page - ON Semiconductor CAT5114 Datasheet HTML 8Page - ON Semiconductor CAT5114 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT5114
Doc. No. MD-2007 Rev. S
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
Logic Inputs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
10
µA
IIL
Input Leakage Current
VIN = 0 V
-10
µA
VIH2
CMOS High Level Input Voltage
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
2.5 V ≤ VCC ≤ 6 V
-0.3
VCC x 0.2
V
Potentiometer Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-10 Device
10
-50 Device
50
RPOT
Potentiometer Resistance
-00 Device
100
kΩ
Pot. Resistance Tolerance
±20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
3.2
%
INL
Integral Linearity Error
IW ≤ 2 µA
0.5
1
LSB
DNL
Differential Linearity Error
IW ≤ 2 µA
0.25
0.5
LSB
VCC = 5 V, IW = 1 mA
70
200
RWI
Wiper Resistance
VCC = 2.5 V, IW = 1 mA
150
400
IW
Wiper Current
-4.4
4.4
mA
TCRPOT
TC of Pot Resistance
300
ppm/ºC
TCRATIO
Ratiometric TC
20
ppm/ºC
VN
Noise
100 kHz / 1 kHz
8/24
nV/√Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10 kΩ
1.7
MHz


Similar Part No. - CAT5114

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
CAT5114 CATALYST-CAT5114 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5114 CATALYST-CAT5114 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5114 CATALYST-CAT5114 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results

Similar Description - CAT5114

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com