Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5111YI-50-GT3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5111YI-50-GT3
Description  100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5111YI-50-GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5111YI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5111YI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5111YI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5111YI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5111YI-50-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5111YI-50-GT3 Datasheet HTML 10Page - ON Semiconductor CAT5111YI-50-GT3 Datasheet HTML 11Page - ON Semiconductor CAT5111YI-50-GT3 Datasheet HTML 12Page - ON Semiconductor CAT5111YI-50-GT3 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT5111
Doc. No. MD-2008 Rev. S
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
TSSOP 8-Lead (Y)
(1)(2)
Notes:
(1)
All dimensions are in millimeters. Angles in degrees.
(2)
Complies with JEDEC standard MS-153.
A2
E1
E
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
θ1
L1
L
SYMBOL
MIN
NOM
MAX
A1.20
A1
0.05
0.15
A2
0.80
0.90
1.05
b
0.19
0.30
c
0.09
0.20
D
2.90
3.00
3.10
E
6.30
6.40
6.50
E1
4.30
4.40
4.50
e
0.65 BSC
L
1.00 REF
L1
0.50
0.60
0.75
θ10°


Similar Part No. - CAT5111YI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5111YI-50-GT3 ONSEMI-CAT5111YI-50-GT3 Datasheet
205Kb / 14P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 20
More results

Similar Description - CAT5111YI-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111 CATALYST-CAT5111 Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
logo
ON Semiconductor
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
CAT5112LI-10-G ONSEMI-CAT5112LI-10-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com