Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5115LI-10-G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5115LI-10-G
Description  32-Tap Digitally Programmable Potentiometer (DPP??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115LI-10-G Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5115LI-10-G Datasheet HTML 1Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 2Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 3Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 4Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 5Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 6Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 7Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 8Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT5115
© 2009 SCILLC. All rights reserved.
3
Doc. No. MD-2117 Rev. J
Characteristics subject to change without notice
OPERATION MODES
INC
¯¯¯
CS
¯¯
U/D
¯
Operation
High to Low
Low
High
Wiper toward H
High to Low
Low
Low
Wiper toward L
High
Low to High
X
Store Wiper Position
Low
Low to High
X
No Store, Return to Standby
X
High
X
Standby
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Parameters
Ratings
Units
Supply Voltage
Operating Ambient Temperature
VCC to GND
-0.5 to +7V
V
Industrial (‘I’ suffix)
-40 to +85
ºC
Inputs
Junction Temperature
+150
ºC
CS
¯¯ to GND
-0.5 to VCC +0.5
V
Storage Temperature
-65 to 150
ºC
INC
¯¯¯ to GND
-0.5 to VCC +0.5
V
Lead Soldering (10s max)
+300
ºC
U/D
¯ to GND
-0.5 to VCC +0.5
V
H to GND
-0.5 to VCC +0.5
V
L to GND
-0.5 to VCC +0.5
V
W to GND
-0.5 to VCC +0.5
V
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP
(2)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(2) (3)
Latch-Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL-STD-883, Test Method 1008
100
Years
NEND
Endurance
MIL-STD-883, Test Method 1003
1,000,000
Stores
DC ELECTRICAL CHARACTERISTICS
VCC = +2.5V to +6V unless otherwise specified
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
6
V
VCC = 6V, f = 1MHz, IW = 0
100
µA
ICC1
Supply Current (Increment)
VCC = 6V, f = 250kHz, IW = 0
50
µA
ISB1
(3)
Supply Current (Standby)
CS
¯¯ = VCC - 0.3V
U/D
¯, INC
¯¯¯ = VCC - 0.3V or GND
0.01
1
µA
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC + 1V.
(4) IW = source or sink.
(5) These parameters are periodically sampled and are not 100% tested.
CH
RH
RWI
RW
Potentiometer
Equivalent Circuit
CW
CL
RL


Similar Part No. - CAT5115LI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5115LI-10-G CATALYST-CAT5115LI-10-G Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
More results

Similar Description - CAT5115LI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com