Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5113VI-10-GT3 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT5113VI-10-GT3
Description  100-Tap Digitally Programmable Potentiometer (DPP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5113VI-10-GT3 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT5113VI-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5113VI-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5113VI-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5113VI-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5113VI-10-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5113VI-10-GT3 Datasheet HTML 10Page - ON Semiconductor CAT5113VI-10-GT3 Datasheet HTML 11Page - ON Semiconductor CAT5113VI-10-GT3 Datasheet HTML 12Page - ON Semiconductor CAT5113VI-10-GT3 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CAT5113
© 2009 SCILLC. All rights reserved.
11
Doc. No. MD-2009 Rev. Y
Characteristics subject to change without notice
MSOP 8-Lead 3.0 x 3.0 mm (Z)
(1)(2)
Notes:
(1)
All dimensions are in millimeters. Angles in degrees.
(2)
Complies with JEDEC Specification MS-187.
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L2
L
DETAIL A
DETAIL A
SYMBOL
MIN
NOM
MAX
A1.10
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
b0.22
0.38
c0.13
0.23
D
2.90
3.00
3.10
E
4.80
4.90
5.00
E1
2.90
3.00
3.10
e
0.65 BSC
L
0.40
0.60
0.80
L1
0.95 REF
L2
0.25 BSC
θ


Similar Part No. - CAT5113VI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113VI-10-GT3 ONSEMI-CAT5113VI-10-GT3 Datasheet
204Kb / 13P
   100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
More results

Similar Description - CAT5113VI-10-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com