Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5126 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5126
Description  One-Time Digitally Programmable 32-Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5126 Datasheet HTML 1Page - ON Semiconductor CAT5126 Datasheet HTML 2Page - ON Semiconductor CAT5126 Datasheet HTML 3Page - ON Semiconductor CAT5126 Datasheet HTML 4Page - ON Semiconductor CAT5126 Datasheet HTML 5Page - ON Semiconductor CAT5126 Datasheet HTML 6Page - ON Semiconductor CAT5126 Datasheet HTML 7Page - ON Semiconductor CAT5126 Datasheet HTML 8Page - ON Semiconductor CAT5126 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT5126
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2129 Rev. D
Characteristics subject to change without notice
TYPICAL OPERATING CHARACTERISTICS
VDD = 2.5 V to 5.5 V, VPP = GND, VH = VDD, VL = GND, TA = +25°C.
VPP vs. VDD
5
6
7
8
9
10
2.5
3.5
4.5
5.5
VDD (V)
IDD programming vs. VDD
Wiper Resistance vs. Tap Position @ 25°C
Wiper Voltage vs. Tap Position
0
20
40
60
80
100
120
010
20
30
Tap Position
VDD = 2.5V
VDD = 5V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
010
20
30
Tap
VDD = 2.5V
VDD = 5.0V
100
150
200
250
300
2.5
3.5
4.5
5.5
VDD (V)
Valid
Programming
Invalid
Programming


Similar Part No. - CAT5126

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126VP2I-00-GT3 ONSEMI-CAT5126VP2I-00-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
More results

Similar Description - CAT5126

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5126VP2I-10-GT3 ONSEMI-CAT5126VP2I-10-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com