Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5115VI-00-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5115VI-00-GT3
Description  32-Tap Digitally Programmable Potentiometer (DPP??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115VI-00-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5115VI-00-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5115VI-00-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5115VI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5115VI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5115VI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5115VI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5115VI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5115VI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5115VI-00-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT5115
Doc. No. MD-2117 Rev. J
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN CONFIGURATION
PDIP 8-Lead (L), SOIC 8-Lead (V),
MSOP 8-Lead (Z)
INC
¯¯¯ 1
8 VCC
U/D
¯
2
7 CS
¯¯
RH 3
6 RL
GND 4
5 RWB
CAT
TSSOP 8-Lead (Y)
CS
¯¯
1
8 RL
VCC 2
7 RWB
INC
¯¯¯ 3
6 GND
U/D
¯
4
5 RH
CAT
TDFN 8-Pad
(ZD7) Top View
INC
¯¯¯ 1
8 VCC
U/D
¯ 2
7 CS
¯¯
RH 3
6 RL
GND 4
5 RWB
PIN DESCRIPTIONS
Name Function
INC
¯¯¯
Increment Control
U/D
¯
Up/Down Control
RH
Potentiometer High Terminal
GND
Ground
RW
Buffered Wiper Terminal
RL
Potentiometer Low Terminal
CS
¯¯
Chip Select
VCC
Supply Voltage
PIN FUNCTION
INC
¯¯¯: Increment Control Input
The INC
¯¯¯ input moves the wiper in the up or down
direction determined by the condition of the U/D
¯ input.
U/D
¯: Up/Down Control Input
The U/D
¯ input controls the direction of the wiper
movement. When in a high state and CS
¯¯ is low, any
high-to-low transition on INC
¯¯¯ will cause the wiper to
move one increment toward the RH terminal. When in
a low state and CS
¯¯ is low, any high-to-low transition
on INC
¯¯¯ will cause the wiper to move one increment
towards the RL terminal.
RH: High End Potentiometer Terminal
RH is the high end terminal of the potentiometer. It is
not required that this terminal be connected to a
potential greater than the RL terminal. Voltage applied
to the RH terminal cannot exceed the supply voltage,
VCC or go below ground, GND.
RW: Wiper Potentiometer Terminal
RW is the wiper terminal of the potentiometer. Its
position on the resistor array is controlled by the
control inputs, INC
¯¯¯, U/D
¯ and CS
¯¯ . Voltage applied to
the RW terminal cannot exceed the supply voltage,
VCC or go below ground, GND.
RL: Low End Potentiometer Terminal
RL is the low end terminal of the potentiometer. It is
not required that this terminal be connected to a
potential less than the RH terminal. Voltage applied to
the RL terminal cannot exceed the supply voltage, VCC
or go below ground, GND. RL and RH are electrically
interchangeable.
CS
¯¯ : Chip Select
The chip select input is used to activate the control
input of the CAT5115 and is active low. When in a
high state, activity on the INC
¯¯¯ and U/D
¯ inputs will not
affect or change the position of the wiper.
DEVICE OPERATION
The CAT5115 operates like a digitally controlled
potentiometer with RH and RL equivalent to the high
and low terminals and RW equivalent to the
mechanical potentiometer's wiper. There are 32
available tap positions including the resistor end
points, RH and RL. There are 31 resistor elements
connected in series between the RH and RL terminals.
The wiper terminal is connected to one of the 32 taps
and controlled by three inputs, INC
¯¯¯, U/D
¯ and CS
¯¯ .
These inputs control a five-bit up/down counter whose
output is decoded to select the wiper position.
With CS
¯¯ set LOW the CAT5115 is selected and will
respond to the U/D
¯ and INC
¯¯¯ inputs. HIGH to LOW
transitions on INC
¯¯¯ will increment or decrement the
wiper (depending on the state of the U/D
¯ input and
five-bit counter). The wiper, when at either fixed
terminal, acts like its mechanical equivalent and does
not move beyond the last position. When the
CAT5115 is powered-down, the wiper position is
reset. When power is restored, the counter is set to
the mid point, tap 15.


Similar Part No. - CAT5115VI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5115VI-00-GT3 ONSEMI-CAT5115VI-00-GT3 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
More results

Similar Description - CAT5115VI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com