Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5129 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5129
Description  32-Tap Digitally Programmable Potentiometer (DPP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5129 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5129 Datasheet HTML 1Page - ON Semiconductor CAT5129 Datasheet HTML 2Page - ON Semiconductor CAT5129 Datasheet HTML 3Page - ON Semiconductor CAT5129 Datasheet HTML 4Page - ON Semiconductor CAT5129 Datasheet HTML 5Page - ON Semiconductor CAT5129 Datasheet HTML 6Page - ON Semiconductor CAT5129 Datasheet HTML 7Page - ON Semiconductor CAT5129 Datasheet HTML 8Page - ON Semiconductor CAT5129 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT5127, CAT5129
Doc. No. MD-2127 Rev. E
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN CONFIGURATION
MSOP/TDFN
CAT5127
INC
¯¯¯
1
8 VCC
U/D
¯
2
7 CS
¯¯
RH
3
6 RL
GND
4
5 NC
TSOT23-6
CAT5129
CS
¯¯
1
6 VCC
GND
2
5 RH
U/D
¯
3
4 INC
¯¯¯
PIN DESCRIPTIONS
DEVICE DESCRIPTION
INC
¯¯¯: Increment Control Input
The INC
¯¯¯ input moves the wiper in the up or down
direction determined by the condition of the U/D
¯ input.
U/D
¯: Up/Down Control Input
The U/D
¯ input controls the direction of the wiper
movement. When in a high state and CS
¯¯ is low, any
high-to-low transition on INC
¯¯¯ will cause the wiper to
move one increment toward the RH terminal. When in
a low state and CS
¯¯ is low, any high-to-low transition
on INC
¯¯¯ will cause the wiper to move one increment
towards the RL terminal.
RH: High End Potentiometer Terminal
RH is the high end terminal of the potentiometer. It is
not required that this terminal be connected to a
potential greater than the RL terminal. Voltage applied
to the RH terminal cannot exceed the supply voltage,
VCC or go below ground, GND.
RL: Low End Potentiometer Terminal (CAT5127 only)
RL is the low end terminal of the potentiometer. It is
not required that this terminal be connected to a
potential less than the RH terminal. Voltage applied to
the RL terminal cannot exceed the supply voltage, VCC
or go below ground, GND. RL and RH are electrically
interchangeable.
CS
¯¯ : Chip Select
The chip select input is used to activate the control
input of the device and is active low. When in a high
state, activity on the INC
¯¯¯ and U/D
¯ inputs will not affect
or change the position of the wiper. CAT5127 has an
internal pull-up resistor on the CS
¯¯ input pin.
VCC: Supply Input for the device.
Name Function
CAT5127
MSOP/TDFN
CAT5129
SOT23
INC
¯¯¯
Increment Control
1
4
U/D
¯
Up/Down Control
2
3
RH
Potentiometer High
Terminal
3
5
GND Ground
4
2
NC
No Connect
5
-
RL
Potentiometer Low
Terminal
6
-
CS
¯¯
Chip Select
7
1
VCC Supply Voltage
8
6


Similar Part No. - CAT5129

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5129 CATALYST-CAT5129 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5129 CATALYST-CAT5129 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5129 CATALYST-CAT5129 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5129TDI-00-GT3 CATALYST-CAT5129TDI-00-GT3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5129TDI-00-GT3 CATALYST-CAT5129TDI-00-GT3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results

Similar Description - CAT5129

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com