Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5126ZI-00-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT5126ZI-00-GT3
Description  One-Time Digitally Programmable 32-Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126ZI-00-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT5126ZI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 10Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT5126
Doc. No. MD-2129 Rev. D
8
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWINGS
MSOP 8-Lead 3 x 3 mm (Z)
(1)(2)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC Specification MO-187.
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L2
L
DETAIL A
DETAIL A
SYMBOL
MIN
NOM
MAX
A1.10
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
b
0.22
0.38
c
0.13
0.23
D
2.90
3.00
3.10
E
4.80
4.90
5.00
E1
2.90
3.00
3.10
e
0.65 BSC
L
0.40
0.60
0.80
L1
0.95 REF
L2
0.25 BSC
θ


Similar Part No. - CAT5126ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126ZI-00-GT3 CATALYST-CAT5126ZI-00-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126ZI-00-GT3 CATALYST-CAT5126ZI-00-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126ZI-00-GT3 ONSEMI-CAT5126ZI-00-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
CAT5126ZI-00-GT3 ONSEMI-CAT5126ZI-00-GT3 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
More results

Similar Description - CAT5126ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5126VP2I-10-GT3 ONSEMI-CAT5126VP2I-10-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com