Electronic Components Datasheet Search |
|
CAT93C56XI-GT3E Datasheet(PDF) 3 Page - ON Semiconductor |
|
CAT93C56XI-GT3E Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 17 page CAT93C56, CAT93C57 http://onsemi.com 3 Table 4. D.C. OPERATING CHARACTERISTICS, CAT93C56/57, Die Rev. E – Mature Product (CAT93C56, Rev. E – NOT RECOMMENDED FOR NEW DESIGNS) (VCC = +1.8 V to +5.5 V, TA=−40°C to +125°C unless otherwise specified.) Symbol Parameter Test Conditions Min Max Units ICC1 Power Supply Current (Write) fSK = 1 MHz, VCC = 5.0 V 3 mA ICC2 Power Supply Current (Read) fSK = 1 MHz, VCC = 5.0 V 500 mA ISB1 Power Supply Current (Standby) (x8 Mode) VIN = GND or VCC, CS = GND ORG = GND 10 mA ISB2 Power Supply Current (Standby) (x16 Mode) VIN = GND or VCC, CS = GND ORG = Float or VCC 10 mA ILI Input Leakage Current VIN = GND to VCC 1 mA ILO Output Leakage Current VOUT = GND to VCC, CS = GND 1 mA VIL1 Input Low Voltage 4.5 V v VCC < 5.5 V −0.1 0.8 V VIH1 Input High Voltage 4.5 V v VCC < 5.5 V 2 VCC + 1 V VIL2 Input Low Voltage 1.8 V v VCC < 4.5 V 0 VCC x 0.2 V VIH2 Input High Voltage 1.8 V v VCC < 4.5 V VCC x 0.7 VCC + 1 V VOL1 Output Low Voltage 4.5 V v VCC < 5.5 V, IOL = 2.1 mA 0.4 V VOH1 Output High Voltage 4.5 V v VCC < 5.5 V, IOH = −400 mA 2.4 V VOL2 Output Low Voltage 1.8 V v VCC < 4.5 V, IOL = 1 mA 0.2 V VOH2 Output High Voltage 1.8 V v VCC < 4.5 V, IOH = −100 mA VCC − 0.2 V Table 5. PIN CAPACITANCE (TA = 25°C, f = 1 MHz, VCC = 5 V) Symbol Test Conditions Min Typ Max Units COUT (Note 4) Output Capacitance (DO) VOUT = 0 V 5 pF CIN (Note 4) Input Capacitance (CS, SK, DI, ORG) VIN = 0 V 5 pF 4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100 and JEDEC test methods. |
Similar Part No. - CAT93C56XI-GT3E |
|
Similar Description - CAT93C56XI-GT3E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |