Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5241WI10 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5241WI10
Description  Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5241WI10 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5241WI10 Datasheet HTML 1Page - ON Semiconductor CAT5241WI10 Datasheet HTML 2Page - ON Semiconductor CAT5241WI10 Datasheet HTML 3Page - ON Semiconductor CAT5241WI10 Datasheet HTML 4Page - ON Semiconductor CAT5241WI10 Datasheet HTML 5Page - ON Semiconductor CAT5241WI10 Datasheet HTML 6Page - ON Semiconductor CAT5241WI10 Datasheet HTML 7Page - ON Semiconductor CAT5241WI10 Datasheet HTML 8Page - ON Semiconductor CAT5241WI10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT5241
Doc. No. MD-2011 Rev. R
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTION
Pin (SOIC)
Name
Function
1
RW0
Wiper Terminal for Potentiometer 0
2
RL0
Low Reference Terminal for Potentiometer 0
3
RH0
High Reference Terminal for Potentiometer 0
4
A0
Device Address, LSB
5
A2
Device Address
6
RW1
Wiper Terminal for Potentiometer 1
7
RL1
Low Reference Terminal for Potentiometer 1
8
RH1
High Reference Terminal for Potentiometer 1
9
SDA
Serial Data Input/Output
10
GND
Ground
11
RH2
High Reference Terminal for Potentiometer 2
12
RL2
Low Reference Terminal for Potentiometer 2
13
RW2
Wiper Terminal for Potentiometer 2
14
SCL
Bus Serial Clock
15
A3
Device Address
16
A1
Device Address
17
RH3
High Reference Terminal for Potentiometer 3
18
RL3
Low Reference Terminal for Potentiometer 3
19
RW3
Wiper Terminal for Potentiometer 3
20
VCC
Supply Voltage
PIN DESCRIPTION
SCL: Serial Clock
The CAT5241 serial clock input pin is used to clock
all data transfers into or out of the device.
SDA: Serial Data
The CAT5241 bidirectional serial data pin is used to
transfer data into and out of the device. The SDA pin
is an open drain output and can be wire-or'd with the
other open drain or open collector outputs.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A match
in the slave address must be made with the address
input in order to initiate communication with the
CAT5241.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal
of a mechanical potentiometer.
DEVICE OPERATION
The CAT5241 is four resistor arrays integrated with I²C
serial interface logic, four 6-bit wiper control registers
and sixteen 6-bit, non-volatile memory data registers.
Each resistor array contains 63 separate resistive
elements connected in series. The physical ends of
each array are equivalent to the fixed terminals of a
mechanical potentiometer (RH and RL). RH and RL are
symmetrical and may be interchanged. The tap
positions between and at the ends of the series resis–
tors are connected to the output wiper terminals (RW) by
a CMOS transistor switch. Only one tap point for each
potentiometer is connected to its wiper terminal at a
time and is determined by the value of the wiper control
register. Data can be read or written to the wiper control
registers or the non-volatile memory data registers via
the I²C bus. Additional instructions allow data to be
transferred between the wiper control registers and
each respective potentiometer's non-volatile data
registers. Also, the device can be instructed to operate
in an "increment/decrement" mode.


Similar Part No. - CAT5241WI10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5241WI10 ONSEMI-CAT5241WI10 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
More results

Similar Description - CAT5241WI10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com