Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5241WI00 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5241WI00
Description  Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5241WI00 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5241WI00 Datasheet HTML 1Page - ON Semiconductor CAT5241WI00 Datasheet HTML 2Page - ON Semiconductor CAT5241WI00 Datasheet HTML 3Page - ON Semiconductor CAT5241WI00 Datasheet HTML 4Page - ON Semiconductor CAT5241WI00 Datasheet HTML 5Page - ON Semiconductor CAT5241WI00 Datasheet HTML 6Page - ON Semiconductor CAT5241WI00 Datasheet HTML 7Page - ON Semiconductor CAT5241WI00 Datasheet HTML 8Page - ON Semiconductor CAT5241WI00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT5241
Doc. No. MD-2011 Rev. R
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol Parameter
Test Conditions
Min
Typ
Max
Units
ICC
Power Supply Current
fSCL = 400 kHz
1
mA
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC;
SDA = GND; RWX = GND
(2)
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V)
IOL = 3 mA
0.4
V
CAPACITANCE
TA = 25°C, f = 1.0 MHz, VCC = 5 V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
CI/O
(1)
Input/Output Capacitance (SDA)
VI/O = 0 V
8
pF
CIN
(1)
Input Capacitance (A0, A1, A2, A3, SCL)
VIN = 0 V
6
pF
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
fSCL
Clock Frequency
400
kHz
TI
(1)
Noise Suppression Time Constant at SCL, SDA Inputs
50
ns
tAA
SLC Low to SDA Data Out and ACK Out
0.9
µs
tBUF
(1)
Time the Bus Must Be Free Before a New Transmission Can Start
1.2
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tLOW
Clock Low Period
1.2
µs
tHIGH
Clock High Period
0.6
µs
tSU:STA
Start Condition Setup Time (For a Repeated Start Condition)
0.6
µs
tHD:DAT
Data in Hold Time
0
ns
tSU:DAT
Data in Setup Time
100
ns
tR
(1)
SDA and SCL Rise Time
0.3
µs
tF
(1)
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Out Hold Time
50
ns
POWER UP TIMING
(1)
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) All four wiper terminals RW0, RW1, RW2, and RW3 are tied to ground.


Similar Part No. - CAT5241WI00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5241WI00 ONSEMI-CAT5241WI00 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
More results

Similar Description - CAT5241WI00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com