Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5251WI00 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5251WI00
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5251WI00 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5251WI00 Datasheet HTML 1Page - ON Semiconductor CAT5251WI00 Datasheet HTML 2Page - ON Semiconductor CAT5251WI00 Datasheet HTML 3Page - ON Semiconductor CAT5251WI00 Datasheet HTML 4Page - ON Semiconductor CAT5251WI00 Datasheet HTML 5Page - ON Semiconductor CAT5251WI00 Datasheet HTML 6Page - ON Semiconductor CAT5251WI00 Datasheet HTML 7Page - ON Semiconductor CAT5251WI00 Datasheet HTML 8Page - ON Semiconductor CAT5251WI00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT5251
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2017 Rev. H
Characteristics subject to change without notice
PIN CAPACITANCE
(1)
Applicable over recommended operating range from TA = 25ºC, f = 1.0 MHz, VCC = +5.0 V (unless otherwise noted).
Symbol Parameter
Test Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (SO)
VOUT = 0 V
8
pF
CIN
Input Capacitance (CS
¯¯¯, SCK, SI, WP
¯¯¯, HOLD
¯¯¯¯¯, A0, A1)
VIN = 0 V
6
pF
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol Parameter
Test Conditions
Min
Typ
Max
Units
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tWH
SCK High Time
125
ns
tWL
SCK Low Time
125
ns
fSCK
Clock Frequency
DC
3
MHz
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
ns
tRI
(1)
Input Rise Time
2
µs
tFI
(1)
Input Fall Time
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
100
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
100
ns
tV
Output Valid from Clock Low
200
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
250
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
ns
tCS
CS
¯¯¯ High Time
250
ns
tCSS
CS
¯¯¯ Setup Time
250
ns
tCSH
CS
¯¯¯ Hold Time
CL = 50 pF
250
ns
POWER UP TIMING
(1)(2)
Over recommended operating conditions unless otherwise stated.
Symbol Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
WIPER TIMING
Symbol Parameter
Min Max Units
tWRPO
Wiper Response Time After Power Supply Stable
5
10
µs
tWRL
Wiper Response Time After Instruction Issued
5
10
µs
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


Similar Part No. - CAT5251WI00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5251WI00 ONSEMI-CAT5251WI00 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
More results

Similar Description - CAT5251WI00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com