Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5271 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5271
Description  Dual 256-Position I2C Compatible Digital Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5271 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5271 Datasheet HTML 2Page - ON Semiconductor CAT5271 Datasheet HTML 3Page - ON Semiconductor CAT5271 Datasheet HTML 4Page - ON Semiconductor CAT5271 Datasheet HTML 5Page - ON Semiconductor CAT5271 Datasheet HTML 6Page - ON Semiconductor CAT5271 Datasheet HTML 7Page - ON Semiconductor CAT5271 Datasheet HTML 8Page - ON Semiconductor CAT5271 Datasheet HTML 9Page - ON Semiconductor CAT5271 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT5271
http://onsemi.com
6
TYPICAL CHARACTERISTICS
f (KHz)
f (KHz)
1000
100
10
1
−36
−30
−24
−18
−12
−6
0
1000
100
10
1
0
5
10
15
20
25
30
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
Figure 7. Change in End−to−End Resistance
Figure 8. End−to−End Resistance vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
70
40
10
−20
−50
−0.2
0
0.2
0.4
100
70
40
10
−20
−50
101.75
101.80
101.85
101.90
101.95
102.00
102.05
102.15
102.10
Figure 9. Gain vs. Bandwidth (Tap 0x80)
Figure 10. PSRR


Similar Part No. - CAT5271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
CAT5271ZI-50-GT3 ONSEMI-CAT5271ZI-50-GT3 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
More results

Similar Description - CAT5271

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com