Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5409WI-10-T1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5409WI-10-T1
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409WI-10-T1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5409WI-10-T1 Datasheet HTML 2Page - ON Semiconductor CAT5409WI-10-T1 Datasheet HTML 3Page - ON Semiconductor CAT5409WI-10-T1 Datasheet HTML 4Page - ON Semiconductor CAT5409WI-10-T1 Datasheet HTML 5Page - ON Semiconductor CAT5409WI-10-T1 Datasheet HTML 6Page - ON Semiconductor CAT5409WI-10-T1 Datasheet HTML 7Page - ON Semiconductor CAT5409WI-10-T1 Datasheet HTML 8Page - ON Semiconductor CAT5409WI-10-T1 Datasheet HTML 9Page - ON Semiconductor CAT5409WI-10-T1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT5409
Doc. No. MD-2010 Rev. M
6
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
SERIAL BUS PROTOCOL
The following defines the features of the I²C bus
protocol:
(1) Data transfer may be initiated only when the bus
is not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock is high will
be interpreted as a START or STOP condition.
The device controlling the transfer is a master,
typically a processor or controller, and the device
being controlled is the slave. The master will always
initiate data transfers and provide the clock for both
transmit and receive operations. Therefore, the
CAT5409 will be considered a slave device in all
applications.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT5409 monitors the
SDA and SCL lines and will not respond until this
condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must
end with a STOP condition.
DEVICE ADDRESSING
The bus Master begins a transmission by sending a
START condition. The Master then sends the address
of the particular slave device it is requesting. The four
most significant bits of the 8-bit slave address are
fixed as 0101 for the CAT5409 (see Figure 5). The
next four significant bits (A3, A2, A1, A0) are the
device address bits and define which device the
Master is accessing. Up to sixteen devices may be
individually addressed by the system. Typically, +5 V
and ground are hard-wired to these pins to establish
the device's address.
After the Master sends a START condition and the
slave address byte, the CAT5409 monitors the bus
and responds with an acknowledge (on the SDA line)
when its address matches the transmitted slave
address.
Acknowledge
After a successful data transfer, each receiving device
is required to generate an acknowledge. The
Acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8
bits of data.
The CAT5409 responds with an acknowledge after
receiving a START condition and its slave address. If
the device has been selected along with a write
operation, it responds with an acknowledge after
receiving each 8-bit byte.
When the CAT5409 is in a READ mode it transmits 8
bits of data, releases the SDA line, and monitors the
line for an acknowledge. Once it receives this
acknowledge, the CAT5409 will continue to transmit
data. If no acknowledge is sent by the Master, the
device terminates data transmission and waits for a
STOP condition.
Figure 4. Acknowledge Timing
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER


Similar Part No. - CAT5409WI-10-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5409WI-10-T1 ONSEMI-CAT5409WI-10-T1 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
More results

Similar Description - CAT5409WI-10-T1

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com