Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C57YE-GT3E Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT93C57YE-GT3E
Description  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C57YE-GT3E Datasheet(HTML) 3 Page - ON Semiconductor

  CAT93C57YE-GT3E Datasheet HTML 1Page - ON Semiconductor CAT93C57YE-GT3E Datasheet HTML 2Page - ON Semiconductor CAT93C57YE-GT3E Datasheet HTML 3Page - ON Semiconductor CAT93C57YE-GT3E Datasheet HTML 4Page - ON Semiconductor CAT93C57YE-GT3E Datasheet HTML 5Page - ON Semiconductor CAT93C57YE-GT3E Datasheet HTML 6Page - ON Semiconductor CAT93C57YE-GT3E Datasheet HTML 7Page - ON Semiconductor CAT93C57YE-GT3E Datasheet HTML 8Page - ON Semiconductor CAT93C57YE-GT3E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CAT93C56, CAT93C57
http://onsemi.com
3
Table 4. D.C. OPERATING CHARACTERISTICS, CAT93C56/57, Die Rev. E – Mature Product (CAT93C56, Rev. E –
NOT RECOMMENDED FOR NEW DESIGNS) (VCC = +1.8 V to +5.5 V, TA=−40°C to +125°C unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Power Supply Current (Write)
fSK = 1 MHz, VCC = 5.0 V
3
mA
ICC2
Power Supply Current (Read)
fSK = 1 MHz, VCC = 5.0 V
500
mA
ISB1
Power Supply Current (Standby)
(x8 Mode)
VIN = GND or VCC, CS = GND
ORG = GND
10
mA
ISB2
Power Supply Current (Standby)
(x16 Mode)
VIN = GND or VCC, CS = GND
ORG = Float or VCC
10
mA
ILI
Input Leakage Current
VIN = GND to VCC
1
mA
ILO
Output Leakage Current
VOUT = GND to VCC, CS = GND
1
mA
VIL1
Input Low Voltage
4.5 V v VCC < 5.5 V
−0.1
0.8
V
VIH1
Input High Voltage
4.5 V v VCC < 5.5 V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8 V v VCC < 4.5 V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8 V v VCC < 4.5 V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
4.5 V v VCC < 5.5 V, IOL = 2.1 mA
0.4
V
VOH1
Output High Voltage
4.5 V v VCC < 5.5 V, IOH = −400 mA
2.4
V
VOL2
Output Low Voltage
1.8 V v VCC < 4.5 V, IOL = 1 mA
0.2
V
VOH2
Output High Voltage
1.8 V v VCC < 4.5 V, IOH = −100 mA
VCC − 0.2
V
Table 5. PIN CAPACITANCE (TA = 25°C, f = 1 MHz, VCC = 5 V)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT (Note 4)
Output Capacitance (DO)
VOUT = 0 V
5
pF
CIN (Note 4)
Input Capacitance (CS, SK, DI, ORG)
VIN = 0 V
5
pF
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.


Similar Part No. - CAT93C57YE-GT3E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C57YE-GT3E CATALYST-CAT93C57YE-GT3E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C57YE-GT3E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com