Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6095 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT6095
Description  Digital Output Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6095 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT6095 Datasheet HTML 4Page - ON Semiconductor CAT6095 Datasheet HTML 5Page - ON Semiconductor CAT6095 Datasheet HTML 6Page - ON Semiconductor CAT6095 Datasheet HTML 7Page - ON Semiconductor CAT6095 Datasheet HTML 8Page - ON Semiconductor CAT6095 Datasheet HTML 9Page - ON Semiconductor CAT6095 Datasheet HTML 10Page - ON Semiconductor CAT6095 Datasheet HTML 11Page - ON Semiconductor CAT6095 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CAT6095
Doc. No. MD-1124 Rev. D
8
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
WRITE OPERATIONS
Temperature Sensor Register Write
To write data to a TS register the Master creates a
START condition on the bus, and then sends out the
appropriate Slave address (with the R/W
¯¯ bit set to
‘0’), followed by an address byte and two data bytes.
The matching Slave will acknowledge the Slave
address, TS register address and the TS register
data (Figure 5). The Master then ends the session
by creating a STOP condition on the bus. The STOP
completes the TS register update. Note that all
registers in the TS are ‘volatile’ meaning any data
contained in them is lost when power is removed
from the chip.
READ OPERATIONS
Immediate Read
Upon power-up, the Temperature Sensor (TS)
address counter is initialized to 00h. The TS address
counter will thus point to the Capability Register.
This
address
counter
may
be
updated
by
subsequent operations.
A CAT6095 presented with a Slave address
containing a ‘1’ in the R/W
¯¯ position will acknowledge
the Slave address and will then start transmitting
data being pointed at by the current TS register
address counter. The Master stops this transmission
by responding with NoACK, followed by a STOP
(Figure 6).
Selective Read
The Read operation can be started at an address
different from the one stored in the address counter,
by preceeding the Immediate Read sequence with a
‘data less’ Write operation. The Master sends out a
START, Slave address and address byte, but rather
than following up with data (as in a Write operation),
the Master then issues another START and
continuous with an Immediate Read sequence
(Figure 7).


Similar Part No. - CAT6095

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
CAT6095VP2G4 ONSEMI-CAT6095VP2G4 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
CAT6095VP2GT ONSEMI-CAT6095VP2GT Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
More results

Similar Description - CAT6095

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
N34TS04 ONSEMI-N34TS04 Datasheet
138Kb / 18P
   Digital Output Temperature Sensor
August, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com