Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6218-180TDGT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT6218-180TDGT3
Description  300 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6218-180TDGT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT6218-180TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT6218
http://onsemi.com
5
TYPICAL CHARACTERISTICS (shown for 2.80 V output option)
(VIN = 3.85 V, IOUT = 100 mA, CIN = COUT = 1 mF, CBYP = 10 nF, TA = 25°C unless otherwise specified.)
Figure 9. Output Voltage vs. Load Current
Figure 10. Ground Current vs. Input Voltage
Figure 11. Dropout vs. Temperature
(300 mA Load)
Figure 12. Dropout vs. Load Current
Figure 13. Enable Threshold vs. Input Voltage
Figure 14. PSRR vs. Frequency (10 mA Load)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100 200 300 400 500 600 700
OUTPUT LOAD CURRENT [mA]
0
10
20
30
40
50
60
70
0.0
1.0
2.0
3.0
4.0
5.0
6.0
INPUT VOLTAGE [V]
100
150
200
250
300
350
−40 −10
20
50
80
110 140
TEMPERATURE [°C]
0
50
100
150
200
250
300
0
50
100
150
200 250
300
OUTPUT LOAD CURRENT [mA]
0.0
0.4
0.8
1.2
1.6
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE [V]
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
FREQUENCY [kHz]
CBYP = 10 nF
CBYP = 0


Similar Part No. - CAT6218-180TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218-180TDGT3 ONSEMI-CAT6218-180TDGT3 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results

Similar Description - CAT6218-180TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com