Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6217-285TDGT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT6217-285TDGT3
Description  150 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6217-285TDGT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT6217-285TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT6217
http://onsemi.com
5
TYPICAL CHARACTERISTICS (shown for 2.80 V output option)
(VIN = 3.85 V, IOUT = 100 mA, CIN = COUT = 1 mF, CBYP = 10 nF, TA = 25°C unless otherwise specified.)
Figure 9. Output Short−circuit Current Limit
Figure 10. Ground Current vs. Input Voltage
Figure 11. Dropout vs. Temperature
(150 mA Load)
Figure 12. Dropout vs. Load Current
Figure 13. Enable Threshold vs. Input Voltage
Figure 14. PSRR vs. Frequency (10 mA Load)
0
100
200
300
400
500
600
0.0
1.0
2.0
3.0
4.0
5.0
6.0
INPUT VOLTAGE [V]
VOUT = 0V
0
10
20
30
40
50
60
70
0.0
1.0
2.0
3.0
4.0
5.0
6.0
INPUT VOLTAGE [V]
0
50
100
150
200
−40
−10
20
50
80
110
140
TEMPERATURE [°C]
0
30
60
90
120
0
30
60
90
120
150
OUTPUT LOAD CURRENT [mA]
0.0
0.4
0.8
1.2
1.6
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE [V]
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
FREQUENCY [kHz]
CBYP = 0
CBYP = 10 nF


Similar Part No. - CAT6217-285TDGT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217-285TD-GT3 CATALYST-CAT6217-285TD-GT3 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217-285TD-GT3 CATALYST-CAT6217-285TD-GT3 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results

Similar Description - CAT6217-285TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com