Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP13NK60ZFP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP13NK60ZFP
Description  N-channel 600 V, 0.48 廓, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP13NK60ZFP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP13NK60ZFP Datasheet HTML 6Page - STMicroelectronics STP13NK60ZFP Datasheet HTML 7Page - STMicroelectronics STP13NK60ZFP Datasheet HTML 8Page - STMicroelectronics STP13NK60ZFP Datasheet HTML 9Page - STMicroelectronics STP13NK60ZFP Datasheet HTML 10Page - STMicroelectronics STP13NK60ZFP Datasheet HTML 11Page - STMicroelectronics STP13NK60ZFP Datasheet HTML 12Page - STMicroelectronics STP13NK60ZFP Datasheet HTML 13Page - STMicroelectronics STP13NK60ZFP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test circuits
STB13NK60ZT4, STx13NK60Z, STP13NK60ZFP
10/18
Doc ID 8527 Rev 7
3
Test circuits
Figure 20.
Switching times test circuit for
resistive load
Figure 21.
Gate charge test circuit
Figure 22.
Test circuit for inductive load
switching and diode recovery times
Figure 23.
Unclamped inductive load test
circuit
Figure 24.
Unclamped inductive waveform
Figure 25.
Switching time waveform


Similar Part No. - STP13NK60ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60ZFP STMICROELECTRONICS-STP13NK60ZFP Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP13NK60ZFP STMICROELECTRONICS-STP13NK60ZFP Datasheet
369Kb / 17P
   N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
STP13NK60ZFP STMICROELECTRONICS-STP13NK60ZFP Datasheet
495Kb / 18P
   N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
More results

Similar Description - STP13NK60ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
   N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
   N-channel 600 V, 038 廓, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
   N-channel 900 V, 1.1 廓, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH??Power MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
   N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STB11NK50Z STMICROELECTRONICS-STB11NK50Z_08 Datasheet
415Kb / 16P
   N-channel 500 V, 0.48 廓 , 10 A TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STP12NK60Z STMICROELECTRONICS-STP12NK60Z_09 Datasheet
841Kb / 15P
   N-channel 650 V @Tjmax, 0.53 廓, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com