Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6217-330TDGT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT6217-330TDGT3
Description  150 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6217-330TDGT3 Datasheet(HTML) 8 Page - ON Semiconductor

  CAT6217-330TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6217-330TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6217-330TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6217-330TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6217-330TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6217-330TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6217-330TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6217-330TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6217-330TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CAT6217
http://onsemi.com
8
PACKAGE DIMENSIONS
TSOT−23, 5 LEAD
CASE 419AE−01
ISSUE O
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L
L2
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MO-193.
SYMBOL
θ
MIN
NOM
MAX
q
A
A1
A2
b
c
D
E
E1
e
L
L1
L2
0.01
0.80
0.30
0.12
0.30
0.05
0.87
0.15
2.90 BSC
2.80 BSC
1.60 BSC
0.95 TYP
0.40
0.60 REF
0.25 BSC
1.00
0.10
0.90
0.45
0.20
0.50


Similar Part No. - CAT6217-330TDGT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217-330TD-GT3 CATALYST-CAT6217-330TD-GT3 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217-330TD-GT3 CATALYST-CAT6217-330TD-GT3 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results

Similar Description - CAT6217-330TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com