Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6219-180TDGT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT6219-180TDGT3
Description  500 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6219-180TDGT3 Datasheet(HTML) 8 Page - ON Semiconductor

  CAT6219-180TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6219-180TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6219-180TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6219-180TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6219-180TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6219-180TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6219-180TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6219-180TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6219-180TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CAT6219
http://onsemi.com
8
PACKAGE DIMENSIONS
TDFN6, 2x2
CASE 511AH−01
ISSUE A
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC standard MO-229.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
FRONT VIEW
DETAIL A
PIN# 1 INDEX AREA
DA
A1
E2
D2
e
L
b
A1
A3
DETAIL A
DAP SIZE 1.8 x 1.2
PIN#1
IDENTIFICATION
A
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.25
0.30
0.35
D
1.90
2.00
2.10
D2
1.50
1.60
1.70
E
2.00
E2
0.90
1.00
1.10
e
1.90
0.65 TYP
2.10
L
0.15
0.25
0.35


Similar Part No. - CAT6219-180TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219-180TDGT3 ONSEMI-CAT6219-180TDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results

Similar Description - CAT6219-180TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com