Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C57YI-1.8T3E Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT93C57YI-1.8T3E
Description  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C57YI-1.8T3E Datasheet(HTML) 4 Page - ON Semiconductor

  CAT93C57YI-1.8T3E Datasheet HTML 1Page - ON Semiconductor CAT93C57YI-1.8T3E Datasheet HTML 2Page - ON Semiconductor CAT93C57YI-1.8T3E Datasheet HTML 3Page - ON Semiconductor CAT93C57YI-1.8T3E Datasheet HTML 4Page - ON Semiconductor CAT93C57YI-1.8T3E Datasheet HTML 5Page - ON Semiconductor CAT93C57YI-1.8T3E Datasheet HTML 6Page - ON Semiconductor CAT93C57YI-1.8T3E Datasheet HTML 7Page - ON Semiconductor CAT93C57YI-1.8T3E Datasheet HTML 8Page - ON Semiconductor CAT93C57YI-1.8T3E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CAT93C56, CAT93C57
http://onsemi.com
4
Table 6. A.C. CHARACTERISTICS (Note 5), CAT93C56, Die Rev. G – New Product
(VCC = +1.8V to +5.5V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Limits
Units
Min
Max
tCSS
CS Setup Time
50
ns
tCSH
CS Hold Time
0
ns
tDIS
DI Setup Time
100
ns
tDIH
DI Hold Time
100
ns
tPD1
Output Delay to 1
0.25
ms
tPD0
Output Delay to 0
0.25
ms
tHZ (Note 6)
Output Delay to High−Z
100
ns
tEW
Program/Erase Pulse Width
5
ms
tCSMIN
Minimum CS Low Time
0.25
ms
tSKHI
Minimum SK High Time
0.25
ms
tSKLOW
Minimum SK Low Time
0.25
ms
tSV
Output Delay to Status Valid
0.25
ms
SKMAX
Maximum Clock Frequency
DC
2000
kHz
Table 7. A.C. CHARACTERISTICS (Note 5), CAT93C56/57, Die Rev. E – Mature Product
(CAT93C56 Rev. E − NOT RECOMMENDED FOR NEW DESIGNS)
Symbol
Parameter
Limits
Units
VCC = 1.8 V − 5.5 V
VCC = 2.5 V − 5.5 V
VCC = 4.5 V − 5.5 V
Min
Max
Min
Max
Min
Max
tCSS
CS Setup Time
200
100
50
ns
tCSH
CS Hold Time
0
0
0
ns
tDIS
DI Setup Time
400
200
100
ns
tDIH
DI Hold Time
400
200
100
ns
tPD1
Output Delay to 1
1
0.5
0.25
ms
tPD0
Output Delay to 0
1
0.5
0.25
ms
tHZ
(Note 6)
Output Delay to High−Z
400
200
100
ns
tEW
Program/Erase Pulse Width
10
10
10
ms
tCSMIN
Minimum CS Low Time
1
0.5
0.25
ms
tSKHI
Minimum SK High Time
1
0.5
0.25
ms
tSKLOW
Minimum SK Low Time
1
0.5
0.25
ms
tSV
Output Delay to Status Valid
1
0.5
0.25
ms
SKMAX
Maximum Clock Frequency
DC
250
DC
500
DC
1000
kHz
Table 8. POWER−UP TIMING (Notes 6 and 7)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
5. Test conditions according to “A.C. Test Conditions” table.
6. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate
AEC−Q100 and JEDEC test methods.
7. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


Similar Part No. - CAT93C57YI-1.8T3E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C57YI-1.8T3E CATALYST-CAT93C57YI-1.8T3E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C57YI-1.8T3E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com