Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5411YI50 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5411YI50
Description  Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5411YI50 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5411YI50 Datasheet HTML 1Page - ON Semiconductor CAT5411YI50 Datasheet HTML 2Page - ON Semiconductor CAT5411YI50 Datasheet HTML 3Page - ON Semiconductor CAT5411YI50 Datasheet HTML 4Page - ON Semiconductor CAT5411YI50 Datasheet HTML 5Page - ON Semiconductor CAT5411YI50 Datasheet HTML 6Page - ON Semiconductor CAT5411YI50 Datasheet HTML 7Page - ON Semiconductor CAT5411YI50 Datasheet HTML 8Page - ON Semiconductor CAT5411YI50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT5411
Doc. No. MD-2114 Rev. L
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTIONS
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses and data to be written to the
CAT5411. Input data is latched on the rising edge of the
serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to transfer
data out of the CAT5411. During a read cycle, data is
shifted out on the falling edge of the serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchronize
the communication between the microcontroller and the
CAT5411. Opcodes, byte addresses or data present on
the SI pin are latched on the rising edge of the SCK. Data
on the SO pin is updated on the falling edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when addressing
multiple devices. A total of four devices can be addressed
on a single bus. A match in the slave address must be
made with the address input in order to initiate
communication with the CAT5411.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal of a
mechanical potentiometer.
CS
¯¯¯: Chip Select
CAT5251 and CS
¯¯¯ high disables the CAT5411. CS
¯¯¯ high
takes the SO output pin to high impedance and forces the
devices into a Standby mode (unless an internal write
operation is underway). The CAT5411 draws ZERO
current in the Standby mode. A high to low transition on
CS
¯¯¯ is required prior to any sequence being initiated. A low
to high transition on CS
¯¯¯ after a valid write sequence is
what initiates an internal write cycle.
WP
¯¯¯: Write Protect
WP
¯¯¯ is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high.
When WP
¯¯¯ is tied low, all non-volatile write operations to
the Data registers are inhibited (change of wiper control
register is allowed). WP
¯¯¯ going low while CS
¯¯¯ is still low will
interrupt a write to the registers. If the internal write cycle
has already been initiated, WP
¯¯¯ going low will have no
effect on any write operation.
HOLD
¯¯¯¯¯: Hold
The HOLD
¯¯¯¯¯ pin is used to pause transmission to the
CAT5411 while in the middle of a serial sequence without
having to re-transmit entire sequence at a later time. To
pause, HOLD
¯¯¯¯¯ must be brought low while SCK is low. The
SO pin is in a high impedance state during the time the part
is paused, and transitions on the SI pins will be ignored. To
resume communication, HOLD
¯¯¯¯¯ is brought high, while SCK
is low. (HOLD
¯¯¯¯¯ should be held high any time this function is
not being used.) HOLD
¯¯¯¯¯ may be tied high directly to VCC or
tied to VCC through a resistor.
Pin
SOIC
Pin
TSSOP
Name
Function
1
19
VCC
Supply Voltage
2
20
RL0
Low Reference Terminal for
Potentiometer 0
3
21
RH0
High Reference Terminal for
Potentiometer 0
4
22
RW0
Wiper Terminal for
Potentiometer 0
5
23
CS
¯¯¯
Chip Select
6
24
WP
¯¯¯
Write Protection
7
1
SI
Serial Input
8
2
A1
Device Address
9
3
RL1
Low Reference Terminal for
Potentiometer 1
10
4
RH1
High Reference Terminal for
Potentiometer 1
11
5
RW1
Wiper Terminal for
Potentiometer 1
12
6
GND
Ground
13
7
NC
No Connect
14
8
NC
No Connect
15
9
NC
No Connect
16
10
NC
No Connect
17
11
SCK
Bus Serial Clock
18
12
HOLD
¯¯¯¯¯
Hold
19
13
SO
Serial Data Output
20
14
A0
Device Address, LSB
21
15
NC
No Connect
22
16
NC
No Connect
23
17
NC
No Connect
24
18
NC
No Connect


Similar Part No. - CAT5411YI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411YI50 ONSEMI-CAT5411YI50 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
More results

Similar Description - CAT5411YI50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com