Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9534HV4I-GT2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT9534HV4I-GT2
Description  8-bit I짼C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9534HV4I-GT2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT9534HV4I-GT2 Datasheet HTML 1Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 2Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 3Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 4Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 5Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 6Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 7Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 8Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT9534
© 2010 SCILLC. All rights reserved
5
Doc. No. MD-9004 Rev. D
Characteristics subject to change without notice
A.C. TEST CONDITIONS
Input Rise and Fall time
≤ 10ns
CMOS Input Voltages
0.2VCC to 0.8VCC
CMOS Input Reference Voltages
0.3VCC to 0.7VCC
TTL Input Voltages
0.4V to 2.4V
TTL Input Reference Voltages
0.8V, 2.0V
Output Reference Voltages
0.5VCC
Output Load: SDA, INT
¯¯¯
Current Source IOL = 3mA; CL = 100pF
Output Load: I/Os
Current Source: IOL/IOH = 10mA; CL = 50pF
Figure 1. I²C Serial Interface Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH


Similar Part No. - CAT9534HV4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534HV4I-GT2 ONSEMI-CAT9534HV4I-GT2 Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
More results

Similar Description - CAT9534HV4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com