Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6221-PLTD-GT3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT6221-PLTD-GT3
Description  300 mA CMOS Dual LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6221-PLTD-GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT6221-PLTD-GT3 Datasheet HTML 2Page - ON Semiconductor CAT6221-PLTD-GT3 Datasheet HTML 3Page - ON Semiconductor CAT6221-PLTD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT6221-PLTD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT6221-PLTD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT6221-PLTD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT6221-PLTD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT6221-PLTD-GT3 Datasheet HTML 9Page - ON Semiconductor CAT6221-PLTD-GT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CAT6221
http://onsemi.com
10
Example of Ordering Information (Note 9)
Prefix
Device #
Suffix
Company ID
CAT
6221
Product Number
6221
T3
T: Tape & Reel
3: 3,000 / Reel
Tape & Reel (Note 11)
(Optional)
TD
Package
TD: TSOT−23
− G
G: NiPdAu
Lead Finish
−MG
See table below for
Voltage Combinations
VOUT Voltage (Note 10)
ORDERING INFORMATION
Orderable Part Number
VOUT Voltage
Package
Shipping
CAT6221−JFTD−GT3
2.5 V / 1.5 V
TSOT−23
3,000 / Tape & Reel
CAT6221−JGTD−GT3
2.5 V / 1.8 V
TSOT−23
3,000 / Tape & Reel
CAT6221−JLTD−GT3
2.5 V / 2.7 V
TSOT−23
3,000 / Tape & Reel
CAT6221−JPTD−GT3
2.5 V / 3.0 V
TSOT−23
3,000 / Tape & Reel
CAT6221−MFTD−GT3
2.8 V / 1.5 V
TSOT−23
3,000 / Tape & Reel
CAT6221−MGTD−GT3
2.8 V / 1.8 V
TSOT−23
3,000 / Tape & Reel
CAT6221−MLTD−GT3
2.8 V / 2.7 V
TSOT−23
3,000 / Tape & Reel
CAT6221−MPTD−GT3
2.8 V / 3.0 V
TSOT−23
3,000 / Tape & Reel
CAT6221−PFTD−GT3
3.0 V / 1.5 V
TSOT−23
3,000 / Tape & Reel
CAT6221−PGTD−GT3
3.0 V / 1.8 V
TSOT−23
3,000 / Tape & Reel
CAT6221−PLTD−GT3
3.0 V / 2.7 V
TSOT−23
3,000 / Tape & Reel
CAT6221−PPTD−GT3
3.0 V / 3.0 V
TSOT−23
3,000 / Tape & Reel
CAT6221−SFTD−GT3
3.3 V / 1.5 V
TSOT−23
3,000 / Tape & Reel
CAT6221−SGTD−GT3
3.3 V / 1.8 V
TSOT−23
3,000 / Tape & Reel
CAT6221−SLTD−GT3
3.3 V / 2.7 V
TSOT−23
3,000 / Tape & Reel
CAT6221−SPTD−GT3
3.3 V / 3.0 V
TSOT−23
3,000 / Tape & Reel
7. All packages are RoHS−compliant (Lead−free, Halogen−free).
8. The standard finish is NiPdAu pre−plated (PPF) lead frames.
9. The device used in the above example is a CAT6221−MGTD−GT3 (VOUT1 = 2.8 V, VOUT2 = 1.8 V, in a TSOT−23 package, NiPdAu, Tape
& Reel).
10.For other voltage options, please contact your nearest ON Semiconductor Sales office.
11. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CAT6221/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CAT6221-PLTD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221-PLTD-G CATALYST-CAT6221-PLTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results

Similar Description - CAT6221-PLTD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
   LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com