Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9555HT6I-G Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT9555HT6I-G
Description  16-bit I짼C and SMBus I/O Port with Interrupt
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555HT6I-G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT9555HT6I-G Datasheet HTML 7Page - ON Semiconductor CAT9555HT6I-G Datasheet HTML 8Page - ON Semiconductor CAT9555HT6I-G Datasheet HTML 9Page - ON Semiconductor CAT9555HT6I-G Datasheet HTML 10Page - ON Semiconductor CAT9555HT6I-G Datasheet HTML 11Page - ON Semiconductor CAT9555HT6I-G Datasheet HTML 12Page - ON Semiconductor CAT9555HT6I-G Datasheet HTML 13Page - ON Semiconductor CAT9555HT6I-G Datasheet HTML 14Page - ON Semiconductor CAT9555HT6I-G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CAT9555
The output port register sets the outgoing logic levels
of the I/O ports, defined as outputs by the configu-
ration register. Bit values in this register have no effect
on I/O pins defined as inputs. Reads from the output
port register reflect the value that is in the flip-flop
controlling the output, not the actual I/O pin value.
The polarity inversion register allows the user to invert
the polarity of the input port register data. If a bit in
this register is set (“1”) the corresponding input port
data is inverted. If a bit in the polarity inversion
register is cleared (“0”), the original input port polarity
is retained.
The configuration register sets the directions of the
ports. Set the bit in the configuration register to enable
the corresponding port pin as an input with a high
impedance output driver. If a bit in this register is
cleared, the corresponding port pin is enabled as an
output. At power-up, the I/Os are configured as inputs
with a weak pull-up resistor to VCC.
Writing to the Port Registers
Data is transmitted to the CAT9555 registers using the
write mode shown in Figure 8 and Figure 9.
The CAT9555 registers are configured to operate at
four register pairs: Input Ports, Output Ports, Polarity
Inversion Ports and Configuration Ports. After sending
data to one register, the next data byte will be sent to
the other register in the pair. For example, if the first
byte of data is sent to the Configuration Port 1
(register 7), the next byte will be stored in the
Configuration Port 0 (register 6). Each 8-bit register
may be updated independently of the other registers.
Reading the Port Registers
The CAT9555 registers are read according to the
timing diagrams shown in Figure 10 and Figure 11.
Data from the register, defined by the command byte,
will be sent serially on the SDA line. Data is clocked
into the register on the failing edge of the
acknowledge clock pulse. After the first byte is read,
additional data bytes may be read, but the second
read will reflect the data from the other register in the
pair. For example, if the first read is data from Input
Port 0, the next read data will be from Input Port 1.
The transfer is stopped when the master will not
acknowledge the data byte received and issue the
STOP condition.
12
SCL
WRITE TO
PORT
DATA OUT
FROM PORT 0
34
5
6
7
8
SDA
A
slave address
data to port 0
start condition
R/W acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
tpv
9
command byte
DATA 1
1.7
1.0
A
data to port 1
S
0
1
0
0
A2 A1 A0
0
DATA OUT
FROM PORT 1
DATA VALID
tpv
P
A
A
A
0
00
0
0
00
DAT
0
1
0.7
0.0
stop
condition
Figure 8. Write to Output Port Register
Characteristics subject to change without notice
Figure 9. Write to Configuration Register
12
SCL
34
5
67
8
SDA
AA
A
DATA 0
slave address
data to configuration 0
start condition
R/W acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
9
0
00
0
0
0
1
1
command byte
MSB
LSB
DATA 1
MSB
LSB A
data to configuration 1
S
0
1
0
0
A2 A1 A0
0
12
3
4
5
6
7
89
12
34
5
6
789
12
3
4
5
A
P
© 2010 SCILLC. All rights reserved
11
Doc. No. MD-9003, Rev. J


Similar Part No. - CAT9555HT6I-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555HT6I-G ONSEMI-CAT9555HT6I-G Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
CAT9555HT6I-GT2 ONSEMI-CAT9555HT6I-GT2 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
More results

Similar Description - CAT9555HT6I-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com