Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9554AHV4I-GT2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT9554AHV4I-GT2
Description  8-bit I짼C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9554AHV4I-GT2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT9554AHV4I-GT2 Datasheet HTML 4Page - ON Semiconductor CAT9554AHV4I-GT2 Datasheet HTML 5Page - ON Semiconductor CAT9554AHV4I-GT2 Datasheet HTML 6Page - ON Semiconductor CAT9554AHV4I-GT2 Datasheet HTML 7Page - ON Semiconductor CAT9554AHV4I-GT2 Datasheet HTML 8Page - ON Semiconductor CAT9554AHV4I-GT2 Datasheet HTML 9Page - ON Semiconductor CAT9554AHV4I-GT2 Datasheet HTML 10Page - ON Semiconductor CAT9554AHV4I-GT2 Datasheet HTML 11Page - ON Semiconductor CAT9554AHV4I-GT2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT9554, CAT9554A
Doc. No. MD-9002 Rev. F
8
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT9554 and CAT9554A general purpose input/
output (GPIO) peripherals provide up to eight I/O
ports, controlled through an I²C compatible serial
interface
The
CAT9554/54A
support
the
I²C
Bus
data
transmission protocol. This I²C Bus protocol defines
any device that sends data to the bus to be a
transmitter and any device receiving data to be a
receiver. The transfer is controlled by the Master
device which generates the serial clock and all
START and STOP conditions for bus access. The
CAT9554/9554A operate as a Slave device. Both the
Master device and Slave device can operate as either
transmitter or receiver, but the Master device controls
which mode is activated.
I²C BUS PROTOCOL
The features of the I²C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus
is not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is
high will be interpreted as a START or STOP
condition (Figure 5).
START AND STOP CONDITIONS
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT9554/9554A
monitors the SDA and SCL lines and will not respond
until this condition is met.
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must
end with a STOP condition.
DEVICE ADDRESSING
After the bus Master sends a START condition, a slave
address byte is required to enable the CAT9554/9554A
for a read or write operation. The four most significant
bits of the slave address are fixed as binary 0100 for
the CAT9554 (Figure 6) and as 0111 for the CAT9554A
(Figure 7). The CAT9554/9554A uses the next three
bits as address bits.
The address bits A2, A1 and A0 are used to select
which device is accessed from maximum eight
devices on the same bus. These bits must compare to
their hardwired input pins. The 8th bit following the 7-
bit slave address is the R/W
¯¯ bit that specifies whether
a read or write operation is to be performed. When
this bit is set to “1”, a read operation is initiated, and
when set to “0”, a write operation is selected.
Following the START condition and the slave address
byte, the CAT9554/9554A monitors the bus and
responds with an acknowledge (on the SDA line) when
its address matches the transmitted slave address. The
CAT9554/9554A then performs a read or a write
operation depending on the state of the R/W
¯¯ bit.
Figure 5. START/STOP Condition
Figure 6. CAT9554 Slave Address
Figure 7. CAT9554A Slave Address
0
1
0
0
A2A1A0
R/W
SLAVE ADDRESS
FIXED
PROGRAMMABLE
HARDWARE
SELECTABLE
0
1
1
1
A2A1A0
R/W
SLAVE ADDRESS
FIXED
PROGRAMMABLE
HARDWARE
SELECTABLE
START
CONDITION
STOP
CONDITION
SDA
SCL


Similar Part No. - CAT9554AHV4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9554AHV4I-GT2 ONSEMI-CAT9554AHV4I-GT2 Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9554AHV4I-GT2 ONSEMI-CAT9554AHV4I-GT2 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results

Similar Description - CAT9554AHV4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com