Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1884911 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1884911
Description  VC-MP-T3-Z
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1884911 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1884911 Datasheet HTML 1Page - PHOENIX CONTACT 1884911 Datasheet HTML 2Page - PHOENIX CONTACT 1884911 Datasheet HTML 3Page - PHOENIX CONTACT 1884911 Datasheet HTML 4Page - PHOENIX CONTACT 1884911 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VC-MP-T3-Z Order No.: 1884911
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1884911
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Mar 11, 2010
Technical data
General characteristics
Note
When using fiber optics, the bending radii of the cable
manufacturers must be observed.
Design
VC3
Degree of protection
IP65/IP66/IP67
Type of the screw connection
1x Pg21
Pg screw connection
None
Height
75 mm
Cable exit
Lateral
Number of module slots
4
Housing material
Zinc die-cast
Housing surface material
Powder coating
Seal material
EPDM
Ambient temperature (operation)
-40 °C ... 125 °C
Accessories
Item
Designation
Description
General
1885619
VC-M-KV-PG21 1X6/2X9
Multiple screw connection Pg21, made of metal, consisting
of rubber seal with several holes (1 x 6 mm/2 x 9 mm) and a
pressure screw, for cable screw connection support VC-M-KV-
PG21...
1885635
VC-M-KV-PG21 2X6/2X8
Multiple screw connection Pg21, made of metal, consisting
of rubber seal with several holes (2 x 6 mm/2 x 8 mm) and a
pressure screw, for cable screw connection support VC-M-KV-
PG21...
1885648
VC-M-KV-PG21 2X7,2/1X10,5
Multiple screw connection Pg21, made of metal, consisting of
rubber seal with several holes (2 x 7.2 mm/1 x 10.5 mm) and a
pressure screw, for cable screw connection thread VC-M-KV-
PG21...
1885651
VC-M-KV-PG21 3X7
Multiple screw connection Pg21, made of metal, consisting of
rubber seal with several holes (3 x 7 mm) and a pressure screw,
for cable screw connection thread VC-M-KV-PG21...
1885664
VC-M-KV-PG21 3X9
Multiple screw connection Pg21, made of metal, consisting of
rubber seal with several holes (3 x 8 mm) and a pressure screw,
for cable screw connection support VC-M-KV-PG21...
1885677
VC-M-KV-PG21 4X6,5
Multiple screw connection Pg21, made of metal, consisting of
rubber seal with several holes (4 x 6.5 mm) and a pressure screw,
for cable screw connection support VC-M-KV-PG21...


Similar Part No. - 1884911

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1884908 PHOENIX-1884908 Datasheet
118Kb / 5P
   VC-MP-T2-Z
1884924 PHOENIX-1884924 Datasheet
112Kb / 4P
   VC-MP-T4-Z
1884979 PHOENIX-1884979 Datasheet
65Kb / 4P
   Contact insert - VC-AMLV 2
1884982 PHOENIX-1884982 Datasheet
49Kb / 1P
   Polisher - VC-POLISHER/M FSMA
1884995 PHOENIX-1884995 Datasheet
89Kb / 3P
   CK1,6-ED-ST-POF
More results

Similar Description - 1884911

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1886692 PHOENIX-1886692 Datasheet
62Kb / 3P
   Housing - VC-MP-T3-Z-M25
1852956 PHOENIX-1852956 Datasheet
125Kb / 5P
   VC-K-T3-Z
1884898 PHOENIX-1884898 Datasheet
118Kb / 5P
   VC-MP-T1-Z
1884908 PHOENIX-1884908 Datasheet
118Kb / 5P
   VC-MP-T2-Z
1884924 PHOENIX-1884924 Datasheet
112Kb / 4P
   VC-MP-T4-Z
1886650 PHOENIX-1886650 Datasheet
55Kb / 3P
   Housing - VC-MP-T3-R-M25
1886579 PHOENIX-1886579 Datasheet
64Kb / 3P
   Housing - VC-MEMV-T3-Z-M25
1886702 PHOENIX-1886702 Datasheet
63Kb / 3P
   Housing - VC-MP-T4-Z-M25
1886676 PHOENIX-1886676 Datasheet
63Kb / 3P
   Housing - VC-MP-T1-Z-M20
1583678 PHOENIX-1583678 Datasheet
67Kb / 4P
   Housing - VC-AL-T3-Z-M25-S
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com