Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25256VI-GT2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT25256VI-GT2
Description  256-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25256VI-GT2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT25256VI-GT2 Datasheet HTML 3Page - ON Semiconductor CAT25256VI-GT2 Datasheet HTML 4Page - ON Semiconductor CAT25256VI-GT2 Datasheet HTML 5Page - ON Semiconductor CAT25256VI-GT2 Datasheet HTML 6Page - ON Semiconductor CAT25256VI-GT2 Datasheet HTML 7Page - ON Semiconductor CAT25256VI-GT2 Datasheet HTML 8Page - ON Semiconductor CAT25256VI-GT2 Datasheet HTML 9Page - ON Semiconductor CAT25256VI-GT2 Datasheet HTML 10Page - ON Semiconductor CAT25256VI-GT2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT25256
http://onsemi.com
7
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16−bit address
and data as shown in Figure 5. Only 15 significant address
bits are used by the CAT25256. The rest are don’t care bits,
as shown in Table 11. Internal programming will start after
the low to high CS transition. During an internal write cycle,
all commands, except for RDSR (Read Status Register) will
be ignored. The RDY bit will indicate if the internal write
cycle is in progress (RDY high), or the device is ready to
accept commands (RDY low).
Page Write
After sending the first data byte to the CAT25256, the host
may continue sending data, up to a total of 64 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following completion of the write cycle, the CAT25256 is
automatically returned to the write disable state. While the
internal write cycle is in progress, the RDSR command will
output the RDY (Ready) bit status only (i.e., data out = FFh).
Table 11. BYTE ADDRESS
Device
Address Significant Bits
Address Don’t Care Bits
# Address Clock Pulses
CAT25256
A14 − A0
A15
16
Figure 5. Byte WRITE Timing
SCK
SI
SO
00
00
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
01
23
45
67
8
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
21 22 23 24 25 26 27 28 29 30 31
Dashed Line = mode (1, 1)
CS
A0
AN
0
* Please check the Byte Address Table (Table 11)
Figure 6. Page WRITE Timing
SCK
SI
SO
00
00
0
1
0
BYTE ADDRESS*
Data
Byte 1
01
23
45
67
8
21 22 23 24−31 32−39
Data Byte N
OPCODE
7..1
0
24+(N−1)x8−1 .. 24+(N−1)x8
24+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
AN
A0
Data
Byte 3
Data
Byte 2
0
* Please check the Byte Address Table (Table 11)


Similar Part No. - CAT25256VI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25256VI-GT3 ONSEMI-CAT25256VI-GT3 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256VI-GT3 ONSEMI-CAT25256VI-GT3 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256VI-GT3 ONSEMI-CAT25256VI-GT3 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
More results

Similar Description - CAT25256VI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256LI-G ONSEMI-CAT25256LI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256VI-G ONSEMI-CAT25256VI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_12 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
NV25256WF ONSEMI-NV25256WF Datasheet
104Kb / 12P
   256-Kb SPI Serial Automotive EEPROM
January, 2018 ??Rev. 1
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com