Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5S16862 Datasheet(PDF) 1 Page - STMicroelectronics

Part # B5S16862
Description  20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B5S16862 Datasheet(HTML) 1 Page - STMicroelectronics

  B5S16862 Datasheet HTML 1Page - STMicroelectronics B5S16862 Datasheet HTML 2Page - STMicroelectronics B5S16862 Datasheet HTML 3Page - STMicroelectronics B5S16862 Datasheet HTML 4Page - STMicroelectronics B5S16862 Datasheet HTML 5Page - STMicroelectronics B5S16862 Datasheet HTML 6Page - STMicroelectronics B5S16862 Datasheet HTML 7Page - STMicroelectronics B5S16862 Datasheet HTML 8Page - STMicroelectronics B5S16862 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2003
s
HIGH SPEED: tPD = 0.25ns (MAX.)
at VCC =4.5V TA=85°C
s
ON RESISTANCE BETWEEN TWO PORT:
5
Ω (TYP) at V
CC =5.0V TA=25°C
s
LOW POWER DISSIPATION:
ICC = 1uA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH=2V(MIN), VIL=0.8V(MAX)
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16862
s
IMPROVED LATCH-UP IMMUNITY
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The B5S16862 is an advanced high-speed CMOS
20-BIT TWO PORT BUS SWITCH fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS tecnology.
It is ideal for 4V to 5.5V VCC operations and
ultra-low power and low noise applications,
typically notebook and docking station.
Any nG output control governs four 5-bit BUS
SWITCHES. Output Enable inputs (nG)tied
together gives full 20-bit operations. When nG is
LOW, the switches are on. When nG is HIGH, the
switches are in high impedance state.
It has ultra high-speed performance at 5V near
zero delay with low ON resistance.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
B5S16862
20-BIT TWO PORT BUS SWITCH
WITH FOUR ENABLE CONTROL
This is preliminary information on a new product now in development are or undergoing evaluation. Details subject to change without notice.
ORDER CODES
PACKAGE
T & R
TSSOP48
B5S16862TTR
TSSOP
PRELIMINARY DATA
PIN CONNECTION
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - B5S16862

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
B5S16861TTR STMICROELECTRONICS-B5S16861TTR Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results

Similar Description - B5S16862

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5S162862 STMICROELECTRONICS-B5S162862 Datasheet
208Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL AND 25W SERIES RESISTOR IN OUTPUT
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
logo
Integrated Device Techn...
IDT74FST1632861 IDT-IDT74FST1632861 Datasheet
78Kb / 6P
   20-BIT, TWO PORT BUS SWITCH WITH RESISTOR
logo
STMicroelectronics
B5S162861 STMICROELECTRONICS-B5S162861 Datasheet
197Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH 25OHM SERIES RESISTOR IN OUTPUT
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com