Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25256ZD2I-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT25256ZD2I-GT3
Description  256-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25256ZD2I-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT25256ZD2I-GT3 Datasheet HTML 1Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 2Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT25256
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Operating Temperature
−45 to +130
°C
Storage Temperature
−65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program / Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C.
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Supply Current
(Read Mode)
Read, VCC = 5.5 V,
SO open
10 MHz / −40°C to 85°C
2
mA
5 MHz / −40°C to 125°C
2
mA
ICCW
Supply Current
(Write Mode)
Write, VCC = 5.5 V,
SO open
10 MHz / −40°C to 85°C
4
mA
5 MHz / −40°C to 125°C
4
mA
ISB1
Standby Current
VIN = GND or VCC, CS = VCC,
WP = VCC, HOLD = VCC,
VCC = 5.5 V
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
3
mA
ISB2
Standby Current
VIN = GND or VCC, CS = VCC,
WP = GND, HOLD = GND,
VCC = 5.5 V
TA = −40°C to +85°C
4
mA
TA = −40°C to +125°C
5
mA
IL
Input Leakage Current
VIN = GND or VCC
−2
2
mA
ILO
Output Leakage
Current
CS = VCC,
VOUT = GND or VCC
TA = −40°C to +85°C
−1
1
mA
TA = −40°C to +125°C
−1
2
mA
VIL
Input Low Voltage
−0.5
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC > 2.5 V, IOL = 3.0 mA
0.4
V
VOH1
Output High Voltage
VCC > 2.5 V, IOH = −1.6 mA
VCC − 0.8 V
V
VOL2
Output Low Voltage
VCC > 1.8 V, IOL = 150 mA
0.2
V
VOH2
Output High Voltage
VCC > 1.8 V, IOH = −100 mA
VCC − 0.2 V
V
Table 4. PIN CAPACITANCE (Note 2) (TA = 25°C, f = 1.0 MHz, VCC = +5.0 V)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (SO)
VOUT = 0 V
8
pF
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)
VIN = 0 V
8
pF


Similar Part No. - CAT25256ZD2I-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25256ZD2I.GT2 ONSEMI-CAT25256ZD2I.GT2 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256ZD2IGT2 ONSEMI-CAT25256ZD2IGT2 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results

Similar Description - CAT25256ZD2I-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256LI-G ONSEMI-CAT25256LI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256VI-G ONSEMI-CAT25256VI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_12 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
NV25256WF ONSEMI-NV25256WF Datasheet
104Kb / 12P
   256-Kb SPI Serial Automotive EEPROM
January, 2018 ??Rev. 1
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com