Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1223 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1223
Description  Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1223 Datasheet(HTML) 1 Page - ON Semiconductor

  CM1223 Datasheet HTML 1Page - ON Semiconductor CM1223 Datasheet HTML 2Page - ON Semiconductor CM1223 Datasheet HTML 3Page - ON Semiconductor CM1223 Datasheet HTML 4Page - ON Semiconductor CM1223 Datasheet HTML 5Page - ON Semiconductor CM1223 Datasheet HTML 6Page - ON Semiconductor CM1223 Datasheet HTML 7Page - ON Semiconductor CM1223 Datasheet HTML 8Page - ON Semiconductor CM1223 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Industry First Low Capacitance ESD
Protection Arrays w/Backdrive Protection
CM1223
©2010 SCILLC. All rights reserved.
Publication Order Number:
April 2010 – Rev.4
CM1223/D
Features
Two, four, and eight channels of ESD protection with
integrated backdrive protection on all lines
Provides ESD protection to IEC61000-4-2 Level 4:
±8kV contact discharge
±15kV air discharge
Low channel input capacitance of 1.0pF (typical)
Minimal capacitance change with temperature and
voltage
Channel I/O to GND capacitance difference of 0.02pF
typical is ideal for differential signals
Mutual capacitance between signal pin and adjacent
signal pin at 0.11pF (typical)
Zener diode protects supply rail and eliminates the
need for external bypass capacitors
Pin compatible with CM1213-02, -04, and -08
Each I/O pin can withstand over 1000 ESD strikes*
Available in SOT, and MSOP packages
RoHS-compliant, lead-free packaging
Applications
USB2.0 ports at 480Mbps in desktop PCs, notebooks
and peripherals
IEEE1394 Firewire® ports at 400Mbps / 800Mbps
DVI ports, HDMI ports in notebooks, set top boxes,
digital TVs, LCD displays
UDI and display ports
Serial ATA ports in desktop PCs and hard disk drives
PCI Express ports
General purpose high-speed data line ESD
protection
Product Description
The CM1223 family of diode arrays are designed to provide
ESD protection for electronic components or subsystems
requiring minimal capacitive loading. These devices are
ideal for protecting systems with high data and clock rates
or for circuits requiring low capacitive loading. Each ESD
channel consists of a pair of diodes in series, which steer
the positive or negative ESD current pulse to either the
positive (V
P) or negative (VN) supply rail. A Zener diode is
embedded between V
P
and V
N,
to absorb positive ESD
strikes and provide ESD protection for the V
P
rail. An
additional diode is integrated to serve as backdrive current
protection. The CM1223 protects against ESD pulses up to
±
8kV per the IEC 61000-4-2 standard. In addition, all pins
are protected from contact discharges of greater than
±
15kV as outlined by the MIL-STD-883D (Method 3015)
specification for Human Body Model (HBM) ESD.
These devices are particularly well-suited for protecting
systems
using
high-speed
ports
such
as
USB2.0,
IEEE1394 (Firewire®, iLink™), serial ATA, DVI, HDMI and
corresponding
ports
in
removable
storage,
digital
camcorders, DVD-RW drives, as well as other applications
where extremely low loading capacitance with ESD
protection are required in a small package footprint.
The CM1223 family of devices are manufactured with
RoHS-compliant, lead-free packaging.
Block Diagram


Similar Part No. - CM1223

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1223 CALMIRCO-CM1223 Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
List of Unclassifed Man...
CM1223 ETC2-CM1223 Datasheet
346Kb / 1P
   12 X 2 LCD CHARACTER MODULE
logo
Visual Communications C...
CM1223 VCC-CM1223 Datasheet
30Kb / 1P
   Base
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
California Micro Device...
CM1223-02SO CALMIRCO-CM1223-02SO Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
More results

Similar Description - CM1223

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1223 CALMIRCO-CM1223 Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com