Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11A817B Datasheet(PDF) 3 Page - QT Optoelectronics

Part # H11A817B
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

H11A817B Datasheet(HTML) 3 Page - QT Optoelectronics

  H11A817B Datasheet HTML 1Page - QT Optoelectronics H11A817B Datasheet HTML 2Page - QT Optoelectronics H11A817B Datasheet HTML 3Page - QT Optoelectronics H11A817B Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4–PIN PHOTOTRANSISTOR OPTOCOUPLERS
TYPICAL CHARACTERISTICS
FIG. 2 - Normalized CTR vs. Ambient Temperature
FIG. 1 - Normalized CTR vs. Forward Current
FIG. 3 - V
CE (SAT) vs. Ambient Temperature
FIG. 4 - Forward Voltage vs. Forward Current
FORWARD CURRENT – I
F (mA)
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
5
10
15
20
25
30
.14
.12
.1
.08
.06
.04
.02
0
-50
-25
0
25
50
75
100
125
I
F = 20 mA
I
C = 1 mA
AMBIENT TEMPERATURE (
° C)
1.7
1.5
1.3
1.1
0.9
0.7
0.5
0.1
0.2
0.5
1.0
2.0
5
10
20
50
100
FORWARD CURRENT – I
F (mA)
T = 100
° C
T = -55
° C
T = -25
° C
1.2
1
0.8
0.6
0.4
-50
-25
0
+25
+50
+75
+100
I
F = 5 mA
AMBIENT TEMPERATURE (
° C)
I
F = 10 mA


Similar Part No. - H11A817B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A817B FAIRCHILD-H11A817B Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817B FAIRCHILD-H11A817B Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
H11A817B.300 FAIRCHILD-H11A817B.300 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817B.300W FAIRCHILD-H11A817B.300W Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817B.3S FAIRCHILD-H11A817B.3S Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A817B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com