Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1241 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CM1241
Description  4-Channel Low Capacitance Dual-Voltage ESD Protection Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1241 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CM1241 Datasheet HTML 3Page - ON Semiconductor CM1241 Datasheet HTML 4Page - ON Semiconductor CM1241 Datasheet HTML 5Page - ON Semiconductor CM1241 Datasheet HTML 6Page - ON Semiconductor CM1241 Datasheet HTML 7Page - ON Semiconductor CM1241 Datasheet HTML 8Page - ON Semiconductor CM1241 Datasheet HTML 9Page - ON Semiconductor CM1241 Datasheet HTML 10Page - ON Semiconductor CM1241 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CM1241
Rev. 3 | Page 7 of 14 | www.onsemi.com
Performance Information (cont’d)
Typical filter performance for low voltage pins
Nominal conditions unless specified; otherwise, 50 ohm environment.
Figure 1. Channel 1 Vs. All GND Pins (0V DC Bias)
Figure 2. Channel 2 Vs. All GND Pins (0V DC Bias)


Similar Part No. - CM1241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1241 ONSEMI-CM1241 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
CM1241-04D4 ONSEMI-CM1241-04D4 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
CM1241 ONSEMI-CM1241_11 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
More results

Similar Description - CM1241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1641 ONSEMI-CM1641_11 Datasheet
228Kb / 6P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. 5
CM1641 ONSEMI-CM1641 Datasheet
322Kb / 10P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
May 2010 ??Rev. 4
CM1643 ONSEMI-CM1643 Datasheet
231Kb / 6P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. P3
CM1241 ONSEMI-CM1241_11 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
UM5202EEDF UNIONSEMI-UM5202EEDF Datasheet
83Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com