Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500AT18A0725 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 5500AT18A0725
Description  5.5 GHz Chip Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5500AT18A0725 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  5500AT18A0725 Datasheet HTML 1Page - Johanson Technology Inc. 5500AT18A0725 Datasheet HTML 2Page - Johanson Technology Inc. 5500AT18A0725 Datasheet HTML 3Page - Johanson Technology Inc. 5500AT18A0725 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.5 GHz Chip Antenna
P/N 5500AT18A0725
Detail Specification: 01/27/09
Page 2 of 4
Typical Electrical Characteristics (T=25
oC)
Test Board:
b) With Matching Circuit
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2009 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
)
)
)
)
)
)
)
)
)
33.5mm
6.5mm
19mm
Matching Circuit
Antenna
No Ground
Ground
50
Ω Feed Line
39.5mm
6.5mm


Similar Part No. - 5500AT18A0725

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5500AT18A0725E JOHANSON-5500AT18A0725E Datasheet
475Kb / 4P
   5.5 GHz Chip Antenna
More results

Similar Description - 5500AT18A0725

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5500AT18A0725E JOHANSON-5500AT18A0725E Datasheet
475Kb / 4P
   5.5 GHz Chip Antenna
logo
Abracon Corporation
ACAG0301-5500-T ABRACON-ACAG0301-5500-T Datasheet
4Mb / 6P
   5.5 GHz Ceramic Chip Antenna
06.21.2018
ACAG0301-5500-EVB ABRACON-ACAG0301-5500-EVB Datasheet
1Mb / 4P
   5.5 GHz Ceramic Chip Antenna Evalution Board
08-14-19
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
   Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
logo
World Produts Inc.
WPANT30092-R1A WPI-WPANT30092-R1A Datasheet
68Kb / 2P
   5.5 GHz Wi-Fi Directional Panel Antenna
logo
Johanson Technology Inc...
2450AT44A100 JOHANSON-2450AT44A100 Datasheet
305Kb / 3P
   2.45 GHz Chip Antenna
2450AT44A100E JOHANSON-2450AT44A100E Datasheet
305Kb / 3P
   2.45 GHz Chip Antenna
logo
Abracon Corporation
ACAG0301-2450-T ABRACON-ACAG0301-2450-T Datasheet
763Kb / 11P
   2.45 GHz Ceramic Chip Antenna
05.03.2019
logo
Johanson Technology Inc...
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
2450AT43A100E JOHANSON-2450AT43A100E Datasheet
487Kb / 6P
   2.45 GHz SMD Chip Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com