Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1250-04QG Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM1250-04QG
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1250-04QG Datasheet(HTML) 5 Page - ON Semiconductor

  CM1250-04QG Datasheet HTML 1Page - ON Semiconductor CM1250-04QG Datasheet HTML 2Page - ON Semiconductor CM1250-04QG Datasheet HTML 3Page - ON Semiconductor CM1250-04QG Datasheet HTML 4Page - ON Semiconductor CM1250-04QG Datasheet HTML 5Page - ON Semiconductor CM1250-04QG Datasheet HTML 6Page - ON Semiconductor CM1250-04QG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CM1250-04QG
Rev. 3 | Page 5 of 7 | www.onsemi.com
CM1250-04QG Mechanical Specifications
The 6-lead uDFN-0.4mm CM1250-04QG package dimensions are shown below.
Package Specifications
Package
uDFN
JEDEC No.
MO-229C*
Leads
6
Millimeters
Inches
Dim
Min
Nom
Max
Min
Nom
Max
A
0.450
0.500
0.550
0.018
0.020
0.022
A1
0.000
0.020
0.050
0.000
0.001
0.002
A3
0.100
0.150
0.200
0.004
0.006
0.008
b
0.150
0.200
0.250
0.006
0.008
0.010
D
1.150
1.250
1.350
0.045
0.049
0.053
E
0.900
1.000
1.100
0.035
0.039
0.043
e
0.350
0.400
0.450
0.014
0.016
0.018
L
0.200
0.300
0.400
0.008
0.012
0.016
# per
tape
and
reel
3000 pieces
Controlling dimension: millimeters
Dimensions for 6-Lead, 0.4mm Pitch uDFN-0.4
Package


Similar Part No. - CM1250-04QG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 4
CM1250-04QG ONSEMI-CM1250-04QG_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 4
More results

Similar Description - CM1250-04QG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com