Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HLC98LJ12CPB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC68HLC98LJ12CPB
Description  Addendum to MC68HC908LJ12 Technical Data
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HLC98LJ12CPB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC68HLC98LJ12CPB Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HLC98LJ12CPB Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HLC98LJ12CPB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HLC98LJ12CPB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HLC98LJ12CPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HLC98LJ12CPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HLC98LJ12CPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HLC98LJ12CPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HLC98LJ12CPB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HC908LJ12AD/D
Addendum to MC68HC908LJ12 Technical Data
VDD supply current
Run(3), fOP = 4 MHz
with all modules on
with ADC on
with ADC off
Wait(4), fOP = 4 MHz (all modules off)
Stop, fOP = 8 kHz
(5)
25
°C (with OSC, RTC, LCD(6), LVI on)
25
°C (with OSC, RTC, LCD(6) on)
25
°C (with OSC, RTC on)
25
°C (all modules off)
IDD
8
6
5
3.5
280
38
15
1
mA
mA
mA
mA
µA
µA
µA
µA
Digital I/O ports Hi-Z leakage current
All ports, RST
IIL
——
± 10
µA
Input current
IRQ
IIN
——
± 1
µA
Capacitance
Ports (as input or output)
COUT
CIN
12
8
pF
POR re-arm voltage(7)
VPOR
0—
100
mV
POR rise-time ramp rate(8)
RPOR
0.02
V/ms
Monitor mode entry voltage (at IRQ pin)
VHI
1.5
× V
DD
2
× V
DD
V
Pullup resistors(9)
PTA0–PTA3, PTD4–PTD7 configured as KBI0–KBI7
RST, IRQ
RPU1
RPU2
25
27
k
k
1. VDD = 2.7 to 3.3 Vdc, VSS = 0 Vdc, TA = TL to TH, unless otherwise noted.
2. Typical values reflect average measurements at midpoint of voltage range, 25
°C only.
3. Run (operating) IDD measured using external square wave clock source. All inputs 0.2 V from rail. No dc loads. Less than
100 pF on all outputs. CL = 20 pF on OSC2. All ports configured as inputs. OSC2 capacitance linearly affects run IDD.
4. Wait IDD measured using external square wave clock source. All inputs 0.2 V from rail. No dc loads. Less than 100 pF on
all outputs. CL = 20 pF on OSC2. All ports configured as inputs. OSC2 capacitance linearly affects wait IDD.
5. The 8kHz clock is from a 32kHz clock input at OSC1, for the driving the RTC.
6. LCD driver configured for low current mode.
7. Maximum is highest voltage that POR is guaranteed.
8. If minimum VDD is not reached before the internal POR reset is released, RST must be driven low externally until minimum
VDD is reached.
9. RPU1 and RPU2 are measured at VDD = 3V.
Table 3. DC Electrical Characteristics (2.7 to 3.3V) (Continued)
Characteristic(1)
Symbol
Min
Typ(2)
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HLC98LJ12CPB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HLC98LJ12CPB MOTOROLA-MC68HLC98LJ12CPB Datasheet
604Kb / 16P
   Addendum to MC68HC908LJ12
logo
Freescale Semiconductor...
MC68HLC98LJ12CPB FREESCALE-MC68HLC98LJ12CPB Datasheet
636Kb / 16P
   low-voltage version of the MC68HC908LJ12
logo
NXP Semiconductors
MC68HLC98LJ12CPB NXP-MC68HLC98LJ12CPB Datasheet
686Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
Rev. 0, 6/2003
More results

Similar Description - MC68HLC98LJ12CPB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC908LJ12AD NXP-HC908LJ12AD Datasheet
686Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
Rev. 0, 6/2003
logo
Freescale Semiconductor...
MC68HLC908LJ12 FREESCALE-MC68HLC908LJ12_1 Datasheet
637Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
logo
Motorola, Inc
68HC908LJ12 MOTOROLA-68HC908LJ12 Datasheet
604Kb / 16P
   Addendum to MC68HC908LJ12
logo
Freescale Semiconductor...
MC68HC908JL3 FREESCALE-MC68HC908JL3_1 Datasheet
720Kb / 4P
   Addendum to MC68HC908JL3 Technical Data
logo
NXP Semiconductors
HC908JB16AD NXP-HC908JB16AD Datasheet
148Kb / 8P
   Addendum to MC68HC908JB16 Technical Data
Rev. 1, 03/2010
HC908JB8AD NXP-HC908JB8AD Datasheet
326Kb / 8P
   Addendum to MC68HC908JB8 Technical Data
Rev. 0, 4/2002
HC908AS60AD NXP-HC908AS60AD Datasheet
232Kb / 4P
   Addendum to MC68HC908AS60 Technical Data
11/2001
HC908JL8AD NXP-HC908JL8AD Datasheet
343Kb / 8P
   Addendum to MC68HC908JL8 Technical Data
Rev. 0, 5/2002
logo
Freescale Semiconductor...
HC908JB16AD FREESCALE-HC908JB16AD Datasheet
650Kb / 12P
   Addendum to MC68HC908JB16 Technical Data
HC908JL8AD FREESCALE-HC908JL8AD Datasheet
320Kb / 8P
   Addendum to MC68HC908JL8 Technical Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com