Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBC13901 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBC13901
Description  NPN Silicon Low Noise Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBC13901 Datasheet(HTML) 1 Page - Motorola, Inc

  MBC13901 Datasheet HTML 1Page - Motorola, Inc MBC13901 Datasheet HTML 2Page - Motorola, Inc MBC13901 Datasheet HTML 3Page - Motorola, Inc MBC13901 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF NPN
SILICON TRANSISTOR
f
τ = 15 GHz
NFmin = 1.2 dB
ICMAX = 20 mA
VCEO = 5.0 V
MBC13901
SEMICONDUCTOR
TECHNICAL DATA
Order this document by MBC13901PP/D
PLASTIC PACKAGE
CASE 318M
(SOT–343, Tape & Reel Only)
(Scale 4:1)
1
4
ORDERING INFORMATION
Device
Package
MBC13901
SOT–343
1
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
Product Preview
The RF Building Block Series
NPN Silicon
Low Noise Transistor
The MBC13901 is a high performance transistor fabricated using
Motorola’s 15 GHz f
τ bipolar IC process. It is housed in the 4–lead SC–70
(SOT–343) surface mount plastic package resulting in a parasitic effect
reduction and RF performance enhancements. The high performance at low
power makes the MBC13901 suitable for front–end applications in portable
wireless systems such as pagers, cellular and cordless phones.
Low Noise Figure, NFmin = 1.0 dB (Typ) @1.0 GHz, 3.0 V and 3.0 mA
Maximum Stable Gain, 22 dB @ 1.0 GHz, 3.0 V and 3.0 mA
Output Third Order Intercept, OIP3 = 23 dBm @ 1.0 GHz, 3.0 V and
22 mA
Ultra small SOT–343 Surface Mount Package
Available Only in Tape and Reel Packaging
This document contains information on a product under development. Motorola reserves the
right to change or discontinue this product without notice.
© Motorola, Inc. 2000
Rev 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MBC13901

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBC13900 MOTOROLA-MBC13900 Datasheet
813Kb / 26P
   NPN Silicon Low Noise Transistor
MBC13900/D MOTOROLA-MBC13900/D Datasheet
813Kb / 26P
   NPN Silicon Low Noise Transistor
MBC13900T1 MOTOROLA-MBC13900T1 Datasheet
813Kb / 26P
   NPN Silicon Low Noise Transistor
More results

Similar Description - MBC13901

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBC13900 MOTOROLA-MBC13900 Datasheet
813Kb / 26P
   NPN Silicon Low Noise Transistor
MRF1047T1 MOTOROLA-MRF1047T1 Datasheet
162Kb / 12P
   NPN Silicon Low Noise Transistor
logo
ON Semiconductor
MPSA18 ONSEMI-MPSA18 Datasheet
85Kb / 5P
   Low Noise Transistor NPN Silicon
April, 2007 ??Rev. 4
logo
Central Semiconductor C...
CMPT2484 CENTRAL-CMPT2484 Datasheet
77Kb / 2P
   NPN SILICON LOW NOISE TRANSISTOR
logo
Leshan Radio Company
MMBT2484LT1 LRC-MMBT2484LT1 Datasheet
209Kb / 4P
   Low Noise Transistor(NPN Silicon)
logo
ON Semiconductor
MMBT2484LT1 ONSEMI-MMBT2484LT1 Datasheet
206Kb / 8P
   Low Noise Transistor(NPN Silicon)
October, 2001 ??Rev. 2
logo
Advanced Semiconductor
ALN64535 ASI-ALN64535 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
logo
List of Unclassifed Man...
BRF504 ETC1-BRF504 Datasheet
13Kb / 1P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
B12V105 ETC-B12V105 Datasheet
48Kb / 8P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
logo
Advanced Semiconductor
ALN68135 ASI-ALN68135 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com