Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08GW64CLK Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC9S08GW64CLK
Description  Covers: MC9S08GW64 and MC9S08GW32
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08GW64CLK Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9S08GW64CLK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08GW64CLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08GW64CLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08GW64CLK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08GW64CLK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08GW64CLK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08GW64CLK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08GW64CLK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08GW64CLK Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MC9S08GW64 Series MCU Data Sheet, Rev. 1
PRELIMINARY-SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
Freescale Semiconductor
10
3
Electrical Characteristics
3.1
Introduction
This section contains electrical and timing specifications for the MC9S08GW64 sries of microcontrollers available at the time
of publication.
3.2
Parameter Classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the customer a better
understanding the following classification is used and the parameters are tagged accordingly in the tables where appropriate:
NOTE
The classification is shown in the column labeled “C” in the parameter tables where
appropriate.
3.3
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the
limits specified in Table 4 may affect device reliability or cause permanent damage to the device. For functional operating
conditions, refer to the remaining tables in this section.
This device contains circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised
that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this
77
61
VLL2
VLL2
78
62
VLL1
VLL1
79
63
VCAP2
VCAP2
80
64
VCAP1
VCAP1
1 TAMPER0 pin is dedicatedly used for Battery Removal Tamper and not exposed on any SoC pins.
2 PTA5 is with double drive strength.
3 PTA6 is an output-only pin when it is configured as GPIO.
4 PTB2, PTB3 and PTB4 are compatible with 5 V devices with a pullup device.
Table 3. Parameter Classifications
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically relevant
sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted. All values shown in the typical column are within this
category.
D
Those parameters are derived mainly from simulations.
Table 2. Pin Availability by Package Pin-Count (continued)
80
64
Port Pin
Default func
Alt 1
Alt 2
Alt3
Alt4


Similar Part No. - MC9S08GW64CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
logo
NXP Semiconductors
MC9S08GW64 NXP-MC9S08GW64 Datasheet
1Mb / 42P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 3, 1/2011
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
More results

Similar Description - MC9S08GW64CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08JE128 FREESCALE-MC9S08JE128 Datasheet
1,015Kb / 44P
   Covers: MC9S08JE128 and MC9S08JE64
MC9S08LG32 FREESCALE-MC9S08LG32 Datasheet
3Mb / 47P
   Covers: MC9S08LG32 and MC9S08LG16
Rev. 4, 2/2009
logo
List of Unclassifed Man...
400-5053 ETC2-400-5053 Datasheet
117Kb / 2P
   Case and Optional Covers
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Glenair, Inc.
189-047 GLENAIR-189-047 Datasheet
168Kb / 2P
   Plug and Receptacle Protective Covers
logo
Freescale Semiconductor...
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
logo
List of Unclassifed Man...
D01294 ETC2-D01294 Datasheet
4Mb / 4P
   Hexagon Nut And Screw Head Covers
logo
Littelfuse
LD1400-1 LITTELFUSE-LD1400-1 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
   Protective Covers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com