Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSR5RU5MC1B Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5RU5MC1B
Description  5mm Concave Red LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5RU5MC1B Datasheet(HTML) 1 Page - OptoSupply International

  OSR5RU5MC1B Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5mm Concave Red LED
OSR5RU5MC1B
Features
Outline Dimension
High Luminous LEDs
5mm Concave Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
1
2
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
5.0
5.0
2.54
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
78
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
620
625
630
nm
Luminous Intensity*
Iv
IF=20mA
68
100
-
mcd
50% Power Angle
1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSR5RU5MC1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5RU5111A OPTOSUPPLY-OSR5RU5111A Datasheet
105Kb / 1P
   5mm Round Red LED
OSR5RU5201A OPTOSUPPLY-OSR5RU5201A Datasheet
136Kb / 1P
   5mm Bullet Red LED
OSR5RU5471D OPTOSUPPLY-OSR5RU5471D Datasheet
103Kb / 1P
   5.0x4.1mm Oval Red LED
OSR5RU5471D OPTOSUPPLY-OSR5RU5471D Datasheet
106Kb / 1P
   5.0x4.1mm Oval Red LED
OSR5RU5471D OPTOSUPPLY-OSR5RU5471D_11 Datasheet
106Kb / 1P
   5.0x4.1mm Oval Red LED
More results

Similar Description - OSR5RU5MC1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5RPM5MC1B OPTOSUPPLY-OS5RPM5MC1B Datasheet
65Kb / 1P
   5mm Concave Red LED
OSR5SA5MC1B OPTOSUPPLY-OSR5SA5MC1B Datasheet
98Kb / 1P
   5mm Concave Red LED
OSR5PA5MC1B OPTOSUPPLY-OSR5PA5MC1B_09 Datasheet
157Kb / 1P
   5mm Concave Premium Red LED
OSR5MA5MC1B OPTOSUPPLY-OSR5MA5MC1B_09 Datasheet
140Kb / 1P
   5mm Concave Phoenix Red LED
OSR5PA5MC1B OPTOSUPPLY-OSR5PA5MC1B Datasheet
100Kb / 1P
   5mm Concave Premium Red LED
OSR5MA5MC1B OPTOSUPPLY-OSR5MA5MC1B Datasheet
100Kb / 1P
   5mm Concave Phoenix Red LED
OSK5DK5MC1B OPTOSUPPLY-OSK5DK5MC1B Datasheet
137Kb / 1P
   5mm Concave Pink LED
OS5YPM5MC1B OPTOSUPPLY-OS5YPM5MC1B Datasheet
65Kb / 1P
   5mm Concave Yellow LED
OSV5HL5MC1B OPTOSUPPLY-OSV5HL5MC1B Datasheet
153Kb / 1P
   5mm Concave Violet LED
OSY5RU5MC1B OPTOSUPPLY-OSY5RU5MC1B Datasheet
136Kb / 1P
   5mm Concave Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com