Selected language     English  ▼


D-31TFA Datasheet(PDF) 1 Page - Tyco Electronics

Part No. D-31TFA
Description  D-31TFA 3PDT, Center Off, 100 Amps,115/208 VAC, 400 Hz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
AC Relays
CONTACTOR CONFIGURATION
D-31TFA 3PDT, Center Off, 100 Amps,
115/208 VAC, 400 Hz
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed, Vented
Main Contacts:
Configuration
3PDT Center Off
Voltage (Nominal)
115/208 VAC, 400 Hz
Current (Resistive)
100 Amps
Auxiliary Contacts:
Configuration
5PST N.C. & 1PDT
Voltage (Nominal)
28 VDC or 115 VAC, 400 Hz
Current
Resistive
3 Amps
Inductive
3 Amps
Lamp
1 Amp
Coil Data:
Duty Cycle
Continuous
Voltage (Nominal)
28 VDC
Pick-Up Voltage
18 VDC maximum
Drop-Out
2.5 - 6.5 VDC
Coil Current @ 28 VDC & +25
°C
215 Milliamperes Maximum
Operating Temperature
-55
°C to +71°C
Life:
Electrical
50,000 Cycles
Mechanical
100,000 Cycles
Weight Maximum
2.5 Lbs.
Features:
• 3PDT Center Off Main Contacts
• Mechanically Interlocked
• 115/208 VAC, 400 Hz
• 100 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl