Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D101-7X Datasheet(PDF) 1 Page - Tyco Electronics

Part # D101-7X
Description  WILMAR??Protective Relays - D101X Series, 3 Phase Adjustable, Close Differential
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D101-7X Datasheet(HTML) 1 Page - Tyco Electronics

  D101-7X Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
27
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
ANSI/IEEE C37.90-1978
UL file No. E58048
CSA file No. LR61158
Close Differential Relays are voltage sensitive. The
pick-up and drop-out voltage settings are indepen-
dently adjustable, which allows precise setting of the
differential voltage. This relay is available in a wide
range of AC voltages.
Their primary application is
the sensing and control of transfer switches.
Operation:
The output contacts will close when the voltage of
all three phases is above the pre-set pick-up point,
and will open when any one phase drops below its
drop-out setting.
Voltage Sensitive Relays
PRODUCT SPECIFICATIONS
Sample Part No.
D101X
Model: L-L Volts
D101X = 120 VAC
D101-6X = 208 VAC
D101-4X = 240 VAC
D101-10X = 380 VAC
D101-7X = 480 VAC
Notes:
1.
Remove screws for access to pick-up and drop-out
trip adjustments.
2.
Clockwise rotation of the pick-up and drop-out
adjustment will raise the voltage trip point.
Consult factory for additional models.
PART NUMBER SELECTION
Part Number
Nominal Voltage ...............................
Nominal Frequency ..........................
Pick-Up Adjustment Range .............
Drop-Out Adjustment Range ...........
Output Contacts ...............................
Contact Ratings ................................
Operating Temperature Range ........
D101X
AC, Three Phase, see part number selection
50 to 500 Hz.
66-100% of nominal voltage, screwdriver adjustable
66-100% of nominal voltage, screwdriver adjustable
SPNO
5 amp resistive at 120 VAC or 28 VDC
-20
°C to +85°C
13
/64" DIA.
4 MTG. HOLES
H1
H2
#6 - 32 STUDS
10 PLACES
4.0
5.0
Model
Power Consumption
Each Phase
H1
(inches)
H2
(inches)
D101X
D101-4X
D101-6X
D101-7X
D101-10X
2 VA max.
3 VA max.
3 VA max.
4 VA max.
4 VA max.
2
3 1/2
3 1/2
3 1/2
3 1/2
2 11/16
4 3/16
4 3/16
4 3/16
4 3/16
WILMAR™ Protective Relays – D101X Series,
3 Phase Adjustable, Close Differential
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - D101-7X

ManufacturerPart #DatasheetDescription
logo
Sanken electric
D101 SANKEN-D101 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
List of Unclassifed Man...
D101 ETC2-D101 Datasheet
45Kb / 8P
   Control/Communicators
logo
MicroPower Direct, LLC
D101 MPD-D101 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
logo
C&K Components
D101 CK-COMPONENTS-D101 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
More results

Similar Description - D101-7X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D100X MACOM-D100X Datasheet
58Kb / 1P
   WILMAR??Protective Relays-D100X Series, Close Differential
WCD MACOM-WCD Datasheet
58Kb / 1P
   WILMAR Protective Relays
1001 MACOM-1001 Datasheet
50Kb / 1P
   WILMAR??Protective Relays - 1000 Series
900-3X MACOM-900-3X Datasheet
60Kb / 1P
   WILMAR??Protective Relays - 900 Series
1800 MACOM-1800 Datasheet
79Kb / 2P
   WILMAR??Protective Relays - 1800 Series
710X MACOM-710X Datasheet
83Kb / 1P
   WILMAR??Protective Relays - 700 Series
710TD MACOM-710TD Datasheet
85Kb / 1P
   WILMAR??Protective Relays - 700 Series w/ Adjustable Time Delay
25-000 MACOM-25-000 Datasheet
63Kb / 1P
   WILMAR??Protective Relays - 25-000 Series
WC1G-120AC MACOM-WC1G-120AC Datasheet
84Kb / 1P
   WILMAR??Protective Relays ??WC1G Series - Grounded
20-000 MACOM-20-000 Datasheet
60Kb / 1P
   WILMAR??Protective Relays- 20-000 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com