Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5425BL07A0200 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 5425BL07A0200
Description  5.4 GHz EIA 0402 Ultra Low Profile 50:200廓 Balun
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5425BL07A0200 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  5425BL07A0200 Datasheet HTML 1Page - Johanson Technology Inc. 5425BL07A0200 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.4 GHz EIA 0402 Ultra Low Profile 50:200Ω Balun
P/N 5425BL07A0200
Detail Specification: 06/23/09
Page 2 of 2
Typical Electrical Performance (T=25°C)
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2009 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
Insertion and Return Loss
Amplitude and Phase Balance
5.0
5.5
6.0
4.5
6.5
-40
-30
-20
-10
-50
0
freq, GHz
5.0
5.5
6.0
4.5
6.5
-1
0
1
-2
2
-100
0
100
-200
200
freq, GHz
Preliminary


Similar Part No. - 5425BL07A0200

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5425BP15A1050 JOHANSON-5425BP15A1050 Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
5425BP15A1050E JOHANSON-5425BP15A1050E Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
5425BP15A1050E JOHANSON-5425BP15A1050E Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
5425BP15A1050S JOHANSON-5425BP15A1050S Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
More results

Similar Description - 5425BL07A0200

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
BD1200U520-1305 YANTEL-BD1200U520-1305 Datasheet
433Kb / 3P
   Ultra Low Profile 1305 Balun 50廓 to 200廓 Balanced
logo
Anaren Microwave
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD0826J50200A00 ANAREN-BD0826J50200A00 Datasheet
316Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1722J50200A00 ANAREN-BD1722J50200A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD4859N50200A00 ANAREN-BD4859N50200A00 Datasheet
238Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 200廓 Balanced
BD1222J50200A00 ANAREN-BD1222J50200A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2425J50200A00 ANAREN-BD2425J50200A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2425N50200A00 ANAREN-BD2425N50200A00 Datasheet
232Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 200廓 Balanced
logo
Yantel Corporation
BD1800U520-1335 YANTEL-BD1800U520-1335 Datasheet
408Kb / 3P
   Ultra Low Profile 1335 Balun 50廓 to 200廓 Balanced
BD0900U520-1300 YANTEL-BD0900U520-1300 Datasheet
422Kb / 3P
   Ultra Low Profile 1300 Balun 50廓 to 200廓 Balanced
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com