Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL4913A Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFL4913A
Description  Rad-hard adjustable positive voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913A Datasheet(HTML) 5 Page - STMicroelectronics

  RHFL4913A Datasheet HTML 1Page - STMicroelectronics RHFL4913A Datasheet HTML 2Page - STMicroelectronics RHFL4913A Datasheet HTML 3Page - STMicroelectronics RHFL4913A Datasheet HTML 4Page - STMicroelectronics RHFL4913A Datasheet HTML 5Page - STMicroelectronics RHFL4913A Datasheet HTML 6Page - STMicroelectronics RHFL4913A Datasheet HTML 7Page - STMicroelectronics RHFL4913A Datasheet HTML 8Page - STMicroelectronics RHFL4913A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
RHFL4913A
Maximum ratings
Doc ID 10005 Rev 11
5/20
3
Maximum ratings
Table 2.
Recommended maximum operating ratings (1)
1.
Exceeding maximum ratings may damage the device.
Symbol
Parameter
Value
Unit
VI
DC input voltage, VI - VGROUND
12
V
VO
DC output voltage range
1.23 to 9
V
IO
Output current, RHFL4913KPA
2
A
IO
Output current, RHFL4913SCA
3
PD
TC = 25 °C power dissipation
15
W
TSTG
Storage temperature range
-65 to +150
°C
TOP
Operating junction temperature range
-55 to +150
°C
ESD
Electrostatic discharge capability
Class 3
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case, FLAT-16 and SMD5C
8.3
°C/W
TSOLD
Maximum soldering temperature, 10 sec.
300
°C


Similar Part No. - RHFL4913A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
More results

Similar Description - RHFL4913A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com