Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTMD4J-4J1BAX1500 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # CTMD4J-4J1BAX1500
Description  Cable Assemblies for Standard MiniDIN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CTMD4J-4J1BAX1500 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  CTMD4J-4J1BAX1500 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Cable Assemblies for Standard MiniDIN
MiniDIN Series
Ordering Code
Type 1 (Moulded)
Type 4 (Moulded)
Type 5 (Mounted)
1st End
2nd End
∅ 12.0
CTMD
5
P
J
1
S
AO 1500
5
Male or Female
3 to 9 pins
Min. Order Qty. 100 pcs.
Round Type (std.)
Male or Female
3 to 9 pins
Min. Order Qty. 100 pcs.
Conical Type
Male 3 to 8 pins
Female 8 pins only
Min. Order Qty. 100 pcs.
‘Quick Lock’ Housing
Housing Types
MiniDIN Cable Assembly
Pin Count (1st End):
3,4,5,6,7,8 and 9
Connector Type (1st End):
P = Male
J = Female
Pin Count (2nd End):
3,4,5,6,7,8 and 9
0 = Open End
Connector Type (2nd End):
P = Male
J = Female
O = Open End (Cut Off)
V = Open End, Jacket Stripped 40mm, Wire Ends Twisted and Tinned 5mm
Housing Types (See Drawings Below):
1 = Type 1 (Standard)
4 = Type 4
5 = Type 5 (Male with 3 to 8 pins and Female with 8 pins only)
Colour Code:
S = Black (Standard)
G = Grey
B = Beige
Cable (Shielding and UL-Approval):
AO = AWG26 (Standard) with Alu-foil, without UL-Approval
AX = AWG24 or AWG28 with Alu-foil, without UL-Approval
AU = AWG24, 26 or 28 with Alu-foil, with UL-Approval
CU = AWG24, 26 or 28 with Cu braided Shield and with Alu-foil, with UL-Approval
OO = AWG 24, 26 or 28 Unshielded, without UL-Approval
Info: Shielded cabels always come with Drain Wire!
OO = Minimum Ordering Length for Cable is 3,000 meters
All others = Minimum Ordering Length for Cable 1,000 meters
Overall Length
RoHS


Similar Part No. - CTMD4J-4J1BAX1500

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
   CT PROTECTOR
logo
Merrimac Industries, In...
CTM-10-12GSQ MERRIMAC-CTM-10-12GSQ Datasheet
121Kb / 1P
   DIRECTIONAL COUPLERS
CTM-10M-1.25G MERRIMAC-CTM-10M-1.25G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
CTM-10M-12G MERRIMAC-CTM-10M-12G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
CTM-10M-2.5G MERRIMAC-CTM-10M-2.5G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
More results

Similar Description - CTMD4J-4J1BAX1500

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB441-R ASSMANN-AB441-R Datasheet
74Kb / 1P
   MINIDIN 6PIN MALE
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
   CABLE ASSEMBLIES/MOUNTS
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
   Flat Cable Assemblies
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
   RF Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
   RF Cable Assemblies
logo
TE Connectivity Ltd
1-1773903-6 TEC-1-1773903-6 Datasheet
773Kb / 15P
   Sliver Cable Assemblies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com