Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSV5HL71A1B Datasheet(PDF) 1 Page - OptoSupply International

Part # OSV5HL71A1B
Description  2x5x7mm Rectangular Violet LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSV5HL71A1B Datasheet(HTML) 1 Page - OptoSupply International

  OSV5HL71A1B Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
2
2x
x5
5x
x7
7m
mm
m R
Re
ec
ctta
an
ng
gu
ulla
ar
r V
Viio
olle
ett
L
LE
ED
D
OSV5HL71A1B
Features
Outline Dimension
High Luminous LEDs
2x5x7mm Rectangular Standard Directivity
Long Lifetime Operation (Up to 100,000 hours)
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Counterfeit Detection
NDT Crack Detection
Fluid Leak Detection
Forensic Science/Infection Control
Other Lighting
2.54
12
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
4.8
4.95
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Peak Wavelength*
λp
IF=20mA
400
405
410
nm
Luminous Intensity*
Iv
IF=20mA
5
15
-
mcd
50% Power Angle
1/2
IF=20mA
-
100
-
deg
*1 Tolerance of Peak wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSV5HL71A1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSV5HL7331A OPTOSUPPLY-OSV5HL7331A Datasheet
103Kb / 1P
   1.8mm Tower Violet LED
OSV5HL7BA1B OPTOSUPPLY-OSV5HL7BA1B Datasheet
154Kb / 1P
   2x3x4mm Rectangular Violet LED
More results

Similar Description - OSV5HL71A1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSV5YL71A1B OPTOSUPPLY-OSV5YL71A1B Datasheet
106Kb / 1P
   2x5x7mm Rectangular Violet LED
OSV5HA71A1B OPTOSUPPLY-OSV5HA71A1B Datasheet
99Kb / 1P
   2x5x7mm Rectangular Violet LED
OSR5SA71A1B OPTOSUPPLY-OSR5SA71A1B Datasheet
98Kb / 1P
   2x5x7mm Rectangular Red LED
OSK5DK71A1B OPTOSUPPLY-OSK5DK71A1B Datasheet
137Kb / 1P
   2x5x7mm Rectangular Pink LED
OSK5DA71A1B OPTOSUPPLY-OSK5DA71A1B Datasheet
99Kb / 1P
   2x5x7mm Rectangular Pink LED
OS5RPM71A1B OPTOSUPPLY-OS5RPM71A1B Datasheet
65Kb / 1P
   2x5x7mm Rectangular Red LED
OSO5JA71A1B OPTOSUPPLY-OSO5JA71A1B Datasheet
136Kb / 1P
   2x5x7mm Rectangular Orange LED
OSK5DL71A1B OPTOSUPPLY-OSK5DL71A1B Datasheet
99Kb / 1P
   2x5x7mm Rectangular Pink LED
OSY5SA71A1B OPTOSUPPLY-OSY5SA71A1B Datasheet
99Kb / 1P
   2x5x7mm Rectangular Yellow LED
OSR5RU71A1B OPTOSUPPLY-OSR5RU71A1B Datasheet
136Kb / 1P
   2x5x7mm Rectangular Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com