Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23057-A2001-A401 Datasheet(PDF) 2 Page - Tyco Electronics

Part # V23057-A2001-A401
Description  Power PCB Relay Card E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23057-A2001-A401 Datasheet(HTML) 2 Page - Tyco Electronics

  V23057-A2001-A401 Datasheet HTML 1Page - Tyco Electronics V23057-A2001-A401 Datasheet HTML 2Page - Tyco Electronics V23057-A2001-A401 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power PCB Relay Card E (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
Vertical version
Horizontal version
Vertical version
Horizontal version
S0257-AH
S0257-AB
S0257-AI
S0257-AE
S0281-BI
S0280-AH
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 4 / 4 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 225
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
230 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0426
Flammability class according to UL94
V-0
Ambient temperature range
-40...+70°C
Operate- / release time
typ. 7 / 3 ms
Bounce time NO / NC contact
typ. 0,5 / 3 ms
Category of protection
RTIII-wash tight
Mounting
pcb
Mounting distance
5 mm
Resistance to soldering heat
260°C / 5 s
Relay weight
14 g
Packaging unit
20 / 400 pcs
Accessories
For details see datasheet
Accessories Card E


Similar Part No. - V23057-A2001-A401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-A0002-A101 MACOM-V23057-A0002-A101 Datasheet
460Kb / 3P
   Power PCB Relay Card E
V23057-A0002-A101 MACOM-V23057-A0002-A101 Datasheet
460Kb / 3P
   Power PCB Relay Card E
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
V23057-A0002-A401 MACOM-V23057-A0002-A401 Datasheet
460Kb / 3P
   Power PCB Relay Card E
V23057-A0002-A401 MACOM-V23057-A0002-A401 Datasheet
460Kb / 3P
   Power PCB Relay Card E
More results

Similar Description - V23057-A2001-A401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1415354-1 MACOM-2-1415354-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-7 MACOM-2-1393215-7 Datasheet
522Kb / 3P
   Power PCB Relay Card E
V23057 MACOM-V23057 Datasheet
460Kb / 3P
   Power PCB Relay Card E
2-1393216-6 MACOM-2-1393216-6 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-1 MACOM-2-1393215-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-3 MACOM-2-1393215-3 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-5 MACOM-2-1393215-5 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393216-8 MACOM-2-1393216-8 Datasheet
522Kb / 3P
   Power PCB Relay Card E
1393215-4 MACOM-1393215-4 Datasheet
460Kb / 3P
   Power PCB Relay Card E
RP78623 MACOM-RP78623 Datasheet
95Kb / 2P
   Accessories PCB Relay Card Relay E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com