Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23057-B0002-A401 Datasheet(PDF) 1 Page - Tyco Electronics

Part # V23057-B0002-A401
Description  Power PCB Relay Card E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23057-B0002-A401 Datasheet(HTML) 1 Page - Tyco Electronics

  V23057-B0002-A401 Datasheet HTML 1Page - Tyco Electronics V23057-B0002-A401 Datasheet HTML 2Page - Tyco Electronics V23057-B0002-A401 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power PCB Relay Card E
I 1 pole 8 A, 1 CO or 1 NO contact
I 4 kV coil-contact
I Vertical and horizontal version
I Version with bifurcated contacts
I Wash tight
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0426
Applications
I/O modules, heating control, timers
F0151-B
Approvals
V REG.-Nr. 5146, Z E214024
Technical data of approved types on request
Contact data
Contact configuration
1CO or 1NO
Contact set
single cont.
single cont.
twin contact
Type of interruption
micro disconnection
Rated current
8 A
5 A
5 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
2000 VA
1250 VA
1250 VA
Limiting making capacity, max 4 s, duty factor 10%
15 A
Contact material
AgCdO; AgNi20
AgNi0,15
AgNi0,15
Mechanical endurance
20x106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
-A102
4 A, 30 VDC, resistive
2x106
-A102
1 A, 24 VDC, inductiv L/R=40ms
2x105
-A402
1 A, 230 VAC, cos
ϕ=0.4
5x105
Coil data
Rated coil voltage range DC coil
6...60 VDC
Coil power DC coil
450...500 mW
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
001
6
4.0
0.6
80+10%
450
002
12
8.0
1.2
330+10%
436
006
24
16.0
2.4
1200+15%
480
013
48
32.0
4.8
4700+15%
490
023
60
40.0
6.0
7200+15%
500
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - V23057-B0002-A401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-B0002-A401 MACOM-V23057-B0002-A401 Datasheet
460Kb / 3P
   Power PCB Relay Card E
V23057-B0002-A401 MACOM-V23057-B0002-A401 Datasheet
460Kb / 3P
   Power PCB Relay Card E
logo
TE Connectivity Ltd
V23057-B0002-A401 TEC-V23057-B0002-A401 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results

Similar Description - V23057-B0002-A401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1415354-1 MACOM-2-1415354-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-7 MACOM-2-1393215-7 Datasheet
522Kb / 3P
   Power PCB Relay Card E
V23057 MACOM-V23057 Datasheet
460Kb / 3P
   Power PCB Relay Card E
2-1393216-6 MACOM-2-1393216-6 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-1 MACOM-2-1393215-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-3 MACOM-2-1393215-3 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-5 MACOM-2-1393215-5 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393216-8 MACOM-2-1393216-8 Datasheet
522Kb / 3P
   Power PCB Relay Card E
1393215-4 MACOM-1393215-4 Datasheet
460Kb / 3P
   Power PCB Relay Card E
RP78623 MACOM-RP78623 Datasheet
95Kb / 2P
   Accessories PCB Relay Card Relay E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com